Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T331003 Datasheet(PDF) 1 Page - E-SWITCH

Part # T331003
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T331003 Datasheet(HTML) 1 Page - E-SWITCH

  T331003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300DP6R7BLKM3QEBLK
9/11/2012
T331003
A
EBP
1
1
PANEL MOUNTING
A
20731
RELEASED FOR PRODUCTION
9/11/12
EBP
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2 AMPS @250VAC
5 AMPS @120VAC OR 28VDC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
3
6
11.43
[.450 in]
12.70
[.500 in]
DPDT 3 WAY CIRCUIT
(OUT) 6
5
4
3
2 (IN)
1
6
5
4
6
5
(OUT) 4
3
2 (IN)
1 (OUT)
3
2 (IN)
1
POS. 1
POS. 2
POS. 3
19.85
[.781 in]
15.80
[.622 in]
11.43
[.450 in]
2.30
[.091 in]
13.82
[.544 in]
7.55
[.297 in]
8.89
[.350 in]
6.60
[.260 in]
EPOXY SEAL
15.70
[.618 in]
12.70
[.500 in]
MOMENTARY=(ON)
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
ON
ON
2-3, 5-6
2-3, 5-4
2-1, 5-4
1.57
[.062 in]
4.83
[.190 in]
.76
[.030 in]
4.70
[.185 in]
4.70
[.185 in]
RATING


Similar Part No. - T331003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T331002 E-SWITCH-T331002 Datasheet
40Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T331004 E-SWITCH-T331004 Datasheet
198Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T331005 E-SWITCH-T331005 Datasheet
185Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T331006 E-SWITCH-T331006 Datasheet
55Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T331007 E-SWITCH-T331007 Datasheet
72Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T331003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com