Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TD1
Description  DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD1 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD1 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
01/2008
OUTPUT
CURRENT
OUTPUT
POWER
TD1-5S0505
TD1-6S0512
TD1-6S0515
TD1-5D0505
TD1-6D0512
TD1-6D0515
5W
6W
6W
5W
6W
6W
1000 mA
500 mA
400 mA
±500 mA
±250 mA
±200 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
TD1 Series
5V Input, 5-6 Watts
T
4.5 - 5.5 V INPUT
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 4.5-5.5V Input................................5 VDC
Input Filter.............................................................Pi Type
Reverse Voltage Protection..............Internal Shunt Diode
Use External Fuse
OUTPUT SPECIFICATIONS
Voltage Accuracy............................................±2%, Max.
Minimum Load, Single.................................Not Required
Dual................................................20%
Line Regulation...............................................±1%, Max.
Load Regulation, Single NL-FL........................±2%, Max.
Dual, 20%FL-FL..................±5%, Max.
Ripple and Noise, 20MHz BW................100mVp-p, Max.
Short Circuit Protection................................Countinuous
GENERAL SPECIFICATIONS
Efficiency........................................................75% - 81%
Isolation Voltage, Input to Output...........1,500 VDC, Min.
Switching Frequency, 10W/15W................200 KHz, Typ.
Operating Temperature Range................-25°C to +71°C
Derating................... Derate Linearly from 100% at +71°C
to 0% at +100°C
Case Temperature...............................................+100°C
Storage Temperature Range.................-40°C to +100°C
Cooling..............................................Free Air Convection
Weight..................................................2.3 oz. (65 grams)
Case Material...............Metal with Non-Conductive Base
0.20
(5.1)
2.00
(50.8)
0.50
(12.7)
0.30
(7.6)
0.1
(2.5)
BOTTOM
VIEW
+OUT
+IN
-OUT
-IN
0.80
(20.3)
0.60
(15.2)
COM/NC*
0.90
(22.9)
2.00
(50.8)
0.20
(5.0)
* NC (NO CONNECTION) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
0.47
(11.9)


Similar Part No. - TD1

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1 MAGNETROL-TD1 Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Tumbler Technologies + ...
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 5V Input, 5-6 Watts
More results

Similar Description - TD1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com