Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEC8-S3.3 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TEC8-S3.3
Description  8 Watts AC/DC Power Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TEC8-S3.3 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TEC8-S3.3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TEC8-S3.3 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
T
TT
T
Tumb
umb
umb
umb
umbler
ler
ler
ler
ler T
TT
T
Tec
ec
ec
ec
echnolo
hnolo
hnolo
hnolo
hnologies +
gies +
gies +
gies +
gies + TR
TR
TR
TR
TRUMP
UMP
UMP
UMP
UMPooooow
w
w
w
wer
er
er
er
er
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA
408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TEC8-2010-1201
TRUMPower
TEC8 Series
8 Watts AC/DC Power Modules
FEATURES
• PCB Mount Switching Power Modules
• Fully Encapsulated Plastic Case
• 90-264 VAC, 47-440Hz Universal Input
• Single and Dual Outputs
• Regulated Output
• Low Ripple and Noise
• Class II Construction
• 0.3W Maximum No-Lead
• Compact Size
• Optional Screw Terminal
• CE, UL, cUL Approvals
MODELS LIST
S
T
U
P
T
U
O
L
A
U
D
.
o
N
t
c
u
d
o
r
P
3
3
5
0
D
-
8
C
E
T5
0
8
0
D
-
8
C
E
T5
0
2
1
D
-
8
C
E
T5
7
2
1
D
-
8
C
E
T
1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
5C
D
V
3
.
3C
D
V
8C
D
V
5C
D
V
2
1C
D
V
5C
D
V
2
1C
D
V
5
.
7
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
%
2
±%
5
1
±%
2
±%
5
±%
2
±%
5
±%
2
±%
5
±
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
6
1A
m
0
1
3A
m
0
0
0
1A
m
0
5
1A
m
6
6
6A
m
0
0
2A
m
0
6
5A
m
0
5
2
)
L
H
-
L
L
(
n
o
i
t
a
l
u
g
e
R
e
n
i
L
%
2
.
0
±%
3
±%
2
.
0
±%
3
±%
2
.
0
±%
3
±%
2
.
0
±%
3
±
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
5
.
0
±%
5
±%
5
.
0
±%
5
±%
5
.
0
±%
5
±%
5
.
0
±%
5
±
d
a
o
L
e
v
i
t
a
t
i
c
a
p
a
C
x
a
M
F
µ
0
0
2
1F
µ
0
0
0
1F
µ
0
0
8F
µ
0
0
8
3F
µ
0
6
2F
µ
0
0
8
3F
µ
0
6
2F
µ
0
0
0
4
T
U
P
T
U
O
E
L
G
N
I
S
.
o
N
t
c
u
d
o
r
P3
.
3
S
-
8
C
E
T8
.
3
S
-
8
C
E
T5
S
-
8
C
E
T8
S
-
8
C
E
T9
S
-
8
C
E
T
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
3
.
3C
D
V
8
.
3C
D
V
5C
D
V
8C
D
V
9
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
0
2A
m
0
0
1
2A
m
0
0
6
1A
m
0
0
0
1A
m
8
8
8
)
L
H
-
L
L
(
n
o
i
t
a
l
u
g
e
R
e
n
i
L
%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
1
±%
1
±%
1
±%
1
±%
1
±
d
a
o
L
e
v
i
t
a
t
i
c
a
p
a
C
x
a
M
F
µ
0
0
0
6
2F
µ
0
0
0
5
2F
µ
0
0
0
6F
µ
0
0
5
2F
µ
0
0
3
2
T
U
P
T
U
O
E
L
G
N
I
S
.
o
N
t
c
u
d
o
r
P2
1
S
-
8
C
E
T4
1
S
-
8
C
E
T5
1
S
-
8
C
E
T4
2
S
-
8
C
E
T
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
2
1C
D
V
4
1C
D
V
5
1C
D
V
4
2
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
6
6
6A
m
1
7
5A
m
3
3
5A
m
5
3
3
)
L
H
-
L
L
(
n
o
i
t
a
l
u
g
e
R
e
n
i
L
%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
5
.
0
±%
5
.
0
±%
5
.
0
±%
5
.
0
±
d
a
o
L
e
v
i
t
a
t
i
c
a
p
a
C
x
a
M
F
µ
0
5
0
1F
µ
0
0
5F
µ
0
4
4F
µ
0
8
1


Similar Part No. - TEC8-S3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TEC8-S3.3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TES3 TRUMPOWER-TES3 Datasheet
188Kb / 2P
   3 Watts AC/DC Power Modules
TEM40 TRUMPOWER-TEM40 Datasheet
96Kb / 2P
   40 Watts AC/DC Medical Power Modules
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
   15 Watts AC/DC Medical Power Modules
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com