Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R192CPE6C-845 Datasheet(PDF) 10 Page - NEC

Part # MC-4R192CPE6C-845
Description  Direct Rambus DRAM RIMM Module 192M-BYTE 96M-WORD x 16-BIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4R192CPE6C-845 Datasheet(HTML) 10 Page - NEC

  MC-4R192CPE6C-845 Datasheet HTML 1Page - NEC MC-4R192CPE6C-845 Datasheet HTML 2Page - NEC MC-4R192CPE6C-845 Datasheet HTML 3Page - NEC MC-4R192CPE6C-845 Datasheet HTML 4Page - NEC MC-4R192CPE6C-845 Datasheet HTML 5Page - NEC MC-4R192CPE6C-845 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
Preliminary Data Sheet M14808EJ2V0DS00
10
MC-4R192CPE6C
RIMM Module Current Profile
IDD
RIMM module power conditions
Note1
MAX.
Unit
IDD1
One RDRAM in Read
Note2, balance in NAP mode
-845
736.2
mA
-745
671.2
-653
586.2
IDD2
One RDRAM in Read
Note2, balance in Standby mode
-845
1,900
mA
-745
1,780
-653
1,585
IDD3
One RDRAM in Read
Note2, balance in Active mode
-845
2,670
mA
-745
2,440
-653
2,135
IDD4
One RDRAM in Write, balance in NAP mode
-845
696.2
mA
-745
641.2
-653
561.2
IDD5
One RDRAM in Write, balance in Standby mode
-845
1,860
mA
-745
1,750
-653
1,560
IDD6
One RDRAM in Write, balance in Active mode
-845
2,630
mA
-745
2,410
-653
2,110
Notes 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage
patterns. Power does not include Refresh Current.
2. I/O current is a function of the % of 1’s, to add I/O power for 50 % 1’s for a x16 need to add 257 mA for the
following : VDD = 2.5 V, VTERM = 1.8 V, VREF = 1.4 V and VDIL = VREF
0.5 V.


Similar Part No. - MC-4R192CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-653 NEC-MC-4R128CEE6B-653 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-745 NEC-MC-4R128CEE6B-745 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-845 NEC-MC-4R128CEE6B-845 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6C NEC-MC-4R128CEE6C Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results

Similar Description - MC-4R192CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R96CPE6C NEC-MC-4R96CPE6C Datasheet
131Kb / 6P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6B NEC-MC-4R96CEE6B Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com