Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R256CEE6B Datasheet(PDF) 11 Page - NEC

Part # MC-4R256CEE6B
Description  Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4R256CEE6B Datasheet(HTML) 11 Page - NEC

Back Button MC-4R256CEE6B Datasheet HTML 7Page - NEC MC-4R256CEE6B Datasheet HTML 8Page - NEC MC-4R256CEE6B Datasheet HTML 9Page - NEC MC-4R256CEE6B Datasheet HTML 10Page - NEC MC-4R256CEE6B Datasheet HTML 11Page - NEC MC-4R256CEE6B Datasheet HTML 12Page - NEC MC-4R256CEE6B Datasheet HTML 13Page - NEC MC-4R256CEE6B Datasheet HTML 14Page - NEC MC-4R256CEE6B Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Data Sheet M14541EJ1V1DS00
11
MC-4R256CEE6B, 4R256CEE6C
Timing Parameters
The following timing parameters are from the RDRAMs pins, not the RIMM. Please refer to the RDRAM data sheet
(
µPD488448, 488488) for detailed timing diagrams.
Para-
Description
MIN.
MAX.
Units
meter
-845
-745
-653
tRC
Row Cycle time of RDRAM banks - the interval between ROWA packets with
ACT commands to the same bank.
28
28
28
tCYCLE
tRAS
RAS-asserted time of RDRAM bank - the interval between ROWA packet with ACT
command and next ROWR packet with PRER
Note 1 command to the same bank.
20
20
20
Note 2
64
µs
tCYCLE
tRP
Row Precharge time of RDRAM banks - the interval between ROWR packet with
PRER
Note 1 command and next ROWA packet with ACT command to the same
bank.
888
tCYCLE
tPP
Precharge-to-precharge time of RDRAM device - the interval between
successive ROWR packets with PRER
Note 1 commands to any banks of the
same device.
888
tCYCLE
tRR
RAS-to-RAS time of RDRAM device - the interval between successive ROWA
packets with ACT commands to any banks of the same device.
888
tCYCLE
tRCD
RAS-to-CAS Delay - the interval from ROWA packet with ACT command to
COLC packet with RD or WR command. Note - the RAS-to-CAS delay seen
by the RDRAM core (tRCD-C) is equal to tRCD-C = 1 + tRCD because of differences
in the row and column paths through the RDRAM interface.
977
tCYCLE
tCAC
CAS Access delay - the interval from RD command to Q read data. The
equation for tCAC is given in the TPARM register.
888
12
tCYCLE
tCWD
CAS Write Delay - interval from WR command to D write data.
6
6
6
6
tCYCLE
tCC
CAS-to-CAS time of RDRAM bank - the interval between successive COLC
commands.
444
tCYCLE
tPACKET
Length of ROWA, ROWR, COLC, COLM or COLX packet.
4
4
4
4
tCYCLE
tRTR
Interval from COLC packet with WR command to COLC packet which causes
retire, and to COLM packet with bytemask.
888
tCYCLE
tOFFP
The interval (offset) from COLC packet with RDA command, or from COLC
packet with retire command (after WRA automatic precharge), or from COLC
packet with PREC command, or from COLX packet with PREX command to
the equivalent ROWR packet with PRER. The equation for tOFFP is given in the
TPARM register.
444
4
tCYCLE
tRDP
Interval from last COLC packet with RD command to ROWR packet with
PRER.
444
tCYCLE
tRTP
Interval from last COLC packet with automatic retire command to ROWR
packet with PRER.
444
tCYCLE
Notes 1. Or equivalent PREC or PREX command.
2. This is a constraint imposed by the core, and is therefore in units of ms rather than tCYCLE.


Similar Part No. - MC-4R256CEE6B

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C-653 NEC-MC-4R256CPE6C-653 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C-653 ELPIDA-MC-4R256CPE6C-653 Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C-745 NEC-MC-4R256CPE6C-745 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
More results

Similar Description - MC-4R256CEE6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com