Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD213DE Datasheet(PDF) 1 Page - Micross Components

Part # SD213DE
Description  N-Channel Lateral DMOS Switch - Zener Protected
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SD213DE Datasheet(HTML) 1 Page - Micross Components

  SD213DE Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Demo (http://www.verypdf.com)
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com
Features: 
Ultra‐High Speed Switching—tON: 1ns 
Ultra‐Low Reverse Capacitance: 0.2pF 
Low Guaranteed RDS @5V 
Low Turn‐On Threshold Voltage (1.5V max) 
N‐Channel Enhancement Mode 
Benefits: 
High‐Speed System Performance 
Low Insertion Loss at High Frequencies  
Low Transfer Signal Loss 
Single Supply Operation & Simple Driver Requirement 
Description: 
The SD211DE / SD213DE / SD215DE are enhancement‐mode 
MOSFETs designed for high speed low‐glitch switching in audio, video 
and high‐frequency applications. The family is normally used for ±5V 
analog switching or as a high speed driver of the SD214. These 
MOSFETs utilize lateral construction to achieve low capacitance and 
ultra‐fast switching speeds. An integrated Zener diode provides ESD 
protection A poly‐silicon gate is featured for manufacturing reliability. 
 
See SD5000 and SD54000 series for quad configurations. 
For non‐zener protected versions see SD210DE / SD214DE series 
 
Availability: 
SD211DE / SD213DE / SD215DE – TO‐72 , ‐55°C to 125°C 
  
SD211DE / SD213DE / SD215DE ‐ Bare die form 
 
Contact Micross for full package dimensions 
MAXIMUM RATINGS 
LIMIT IN VOLTS  
MAXIMUM RATINGS 
(Continued) 
LIMIT 
UNIT 
SD211 
SD213 
SD215 
Gate‐Drain, Gate‐Source Voltage ‐30/25 ‐15/25 ‐25/30  
Drain Current 
50 
mA 
Gate‐Substrate Voltage ‐0.3/25 ‐0.3/25 ‐0.3/30  
Lead Temperature (1/16” from ease, 10s) 
300 
°C 
Drain‐Source Voltage 
30 
10 
20  
Storage Temperature ‐65 to 150 
°C 
Source‐Drain Voltage 
10 
10 
20  
Operating Junction Temperature ‐55 to 125 
°C 
Drain ‐Substrate Voltage 
30 
15 
25  
Power Dissipation 
Derate 3mW/C° above 25°C 
 
300 
 
mW 
Source‐Substrate Voltage 
15 
15 
25  
  
 
 
ELECTRICAL SPECIFICATION 
T= 25°C unless otherwise noted 
 
SYMBOL 
 
TEST CONDITIONS 
 
TYP 
LIMITS  
UNIT 
SD211DE 
SD213DE 
SD215DE 
MIN 
MAX 
MIN 
MAX 
MIN 
MAX 
DRAIN‐SOURCE BREAKDOWN 
VOLTAGE
 
V(BR)DS 
VGS =  VBS = 0V, I= 10µA 
35 
30 
‐ ‐ ‐ 
‐ ‐ 
 
 
 
 
VGS =  VBS = ‐5V, I= 10nA 
30 
10 ‐ 
10 ‐ 
20 ‐ 
SOURCE‐DRAIN BREAKDOWN 
VOLTAGE
 
V(BR)SD 
VGD =  VBD = ‐5V, I= 10nA 
22 
10 ‐ 
10 ‐ 
20 ‐ 
DRAIN‐SUBSTRATE BREAKDOWN 
VOLTAGE
 
V(BR)DBO 
VGB =  0V, I= 10nA 
Source Open 
35 
15 ‐ 
15 ‐ 
25 ‐ 
SOURCE‐SUBSTRATE BREAKDOWN 
VOLTAGE
 
V(BR)SBO 
VGB =  0V, I= 10µA  
Drain Open 
35 
15 ‐ 
15 ‐ 
25 ‐ 
DRAIN‐SOURCE LEAKAGE
 
IDS(off) 
VGS=VBS =‐5V 
VDS = 10V 
0.4 ‐ 
10 ‐ 
10 ‐ 
‐ 
 
 
nA 
 
VDS = 20V 
0.9 
‐ 
‐ ‐ ‐ 
‐ 
10 
SOURCE‐DRAIN LEAKAGE
 
ISD(off) 
VGD =VBD=‐5V 
VSD = 10V 
0.5 ‐ 
10 ‐ 
10 ‐ 
‐ 
VSD = 20V 
‐ 
‐ ‐ ‐ 
‐ 
10 
GATE LEAKAGE
 
IGBS 
VDB = VSB = 0V , VGB = 30V 
0.01 ‐ 
100 ‐ 
100 ‐ 
100 
THRESHOLD VOLTAGE 
VGS(th) 
VDS =VGS , I= 1µA, VSB = 0V 
0.8 
0.5 
1.5 
0.1 
1.5 
0.1 
1.5 
 
 
DRAIN‐SOURCE‐ON RESISTANCE 
 
 
RDS(on) 
 
 
VSB = 0V 
 I= 1mA 
VGS = 5V 
58 ‐ 
70 ‐ 
70 ‐ 
70  
 
Ω 
VGS = 10V 
38 ‐ 
45 ‐ 
45 ‐ 
45 
VGS = 15V 
30 
‐ 
‐ ‐ ‐ 
‐ ‐ 
VGS = 20V 
26 
‐ 
‐ ‐ ‐ 
‐ ‐ 
VGS = 25V 
24 
‐ 
‐ ‐ ‐ 
‐ ‐ 
FORWARD TRANSCONDUCTANCE 
gfs 
VDS = 10V , VSB = 0V 
I= 20mA, f = 1kHz 
11 
10 ‐ 
10 ‐ 
‐ 
10 
mS 
gos 
0.9 
‐ 
‐ ‐ ‐ 
‐ 
GATE NODE CAPACITANCE 
C(GS+GD+GB) 
 
VDS = 10V , f = 1MHz 
VGS = VBS = ‐15V 
2.5 ‐ 
3.5 ‐ 
3.5 ‐ 
3.5  
pF 
DRAIN NODE CAPACITANCE 
C(GD+GB) 
1.1 ‐ 
1.5 ‐ 
1.5 ‐ 
1.5 
SOURCE NODE CAPACITANCE 
C(GS+SB) 
3.7 ‐ 
5.5 ‐ 
5.5 ‐ 
5.5 
REVERSE TRANSFER CAPACITANCE 
Crss 
0.2 ‐ 
0.5 ‐ 
0.5 ‐ 
0.5 
TURN‐ON TIME 
tD(on)  
VSB = 0VVIN 0 to 5V, 
R= 25Ω, VDD = 5V  R
680Ω 
0.5 ‐ 
1 ‐ 
1 ‐ 
1  
ns 
tr 
0.6 ‐ 
1 ‐ 
-
TURN‐OFF TIME 
tD(off) 
‐ 
‐ ‐ ‐ 
-
-
tf 
‐ 
‐ ‐ ‐ 
-
-
SD211DE / SD213DE / SD215DE N-Channel Lateral DMOS Switch - Zener Protected
Applications: 
Fast Analog Switching 
Fast Sample & Holds 
Pixel‐Rate Switching 
DAC Deglitchers 
High‐Speed Driver 
SD211 / 213 / 215
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents
or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Pinout:  
 
Top View 
 
 
This is trial version
If you want get full version, please register it, thank you.
www.verypdf.com
Demo (http://www.verypdf.com)
Demo (http://www.verypdf.com)


Similar Part No. - SD213DE

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD213DE CALOGIC-SD213DE Datasheet
29Kb / 2P
   High-Speed Analo N-Channel DMOS FETs
logo
Linear Integrated Syste...
SD213DE LINEAR-SD213DE Datasheet
513Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD213DE LINEAR-SD213DE Datasheet
511Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SD213DE MICROSS-SD213DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
SD213DE MICROSS-SD213DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
More results

Similar Description - SD213DE

ManufacturerPart #DatasheetDescription
logo
Micross Components
SD211DE MICROSS-SD211DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
logo
Linear Integrated Syste...
SD211 LINEAR-SD211 Datasheet
513Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SDSST211 LINEAR-SDSST211 Datasheet
511Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SD213DE MICROSS-SD213DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
   QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SST823 LINEAR-SST823 Datasheet
227Kb / 2P
   HIGH SPEED N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SST211DE MICROSS-SST211DE Datasheet
225Kb / 1P
   N-Channel DMOS Switch - Zener Protected
SST215DE MICROSS-SST215DE Datasheet
225Kb / 1P
   N-Channel DMOS Switch - Zener Protected
SST213DE MICROSS-SST213DE Datasheet
225Kb / 1P
   N-Channel DMOS Switch - Zener Protected
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com