Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP65 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP65
Description  65 Watts Medical Grade Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP65 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMP65 Series
65 Watts Medical Grade Power Adapters
#TMP65_2014-02-27-1
MECHANICAL SPECIFICATIONS
Unit: inch [mm]
Tolerance: 0.02 [0.5] maximum
Weight: 410 grams (0.906 lbs.) approx.
NOTES:
1. Standard model comes with AC and DC Grounds connected together. Separate grounds available upon request.
2. The output connector shown is for reference only. Please contact TRUMPower to order the connector that meets your requirements.


Similar Part No. - TMP65

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
logo
FOTEK CONTROLS CO., LTD...
TMP60-3D FOTEK-TMP60-3D Datasheet
775Kb / 4P
   Multifunction Digital timer
TMP60-4D FOTEK-TMP60-4D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
Tumbler Technologies + ...
TMP60-D23 TRUMPOWER-TMP60-D23 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
TMP60-Sxx TRUMPOWER-TMP60-Sxx Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP65

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
   30 Watts Medical Grade AC/DC Power Adapters
TMW10 TRUMPOWER-TMW10_16 Datasheet
320Kb / 2P
   6.6 to 15 Watts Medical Grade Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
   40-65W Medical Grade Power Adapters
TMA165 TRUMPOWER-TMA165 Datasheet
97Kb / 1P
   160-165W Medical Grade Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
   200-220 Watts Medical & ITE Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com