Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK318 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 3SK318
Description  Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK318 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  3SK318 Datasheet HTML 1Page - Hitachi Semiconductor 3SK318 Datasheet HTML 2Page - Hitachi Semiconductor 3SK318 Datasheet HTML 3Page - Hitachi Semiconductor 3SK318 Datasheet HTML 4Page - Hitachi Semiconductor 3SK318 Datasheet HTML 5Page - Hitachi Semiconductor 3SK318 Datasheet HTML 6Page - Hitachi Semiconductor 3SK318 Datasheet HTML 7Page - Hitachi Semiconductor 3SK318 Datasheet HTML 8Page - Hitachi Semiconductor 3SK318 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3SK318
6
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 1 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
Scale: 0.002 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Test Condition :
50 to 1000 MHz (50 MHz step)
DS
G2S
V
= 3.5 V , V
= 3 V
I
= 10mA
D
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Test Condition :
50 to 1000 MHz (50 MHz step)
DS
G2S
V
= 3.5 V , V
= 3 V
I
= 10mA
D
Test Condition :
50 to 1000 MHz (50 MHz step)
DS
G2S
V
= 3.5 V , V
= 3 V
I = 10mA
D
Test Condition :
50 to 1000 MHz (50 MHz step)
DS
G2S
V
= 3.5 V , V
= 3 V
I
= 10mA
D


Similar Part No. - 3SK318

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK318YB-TL-E RENESAS-3SK318YB-TL-E Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
More results

Similar Description - 3SK318

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK319 RENESAS-3SK319 Datasheet
100Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
logo
Hitachi Semiconductor
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Renesas Technology Corp
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Hitachi Semiconductor
3SK309 HITACHI-3SK309 Datasheet
59Kb / 11P
   GaAs N Channel Dual Gate MES FET UHF RF Amplifier
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com