Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-9400A Datasheet(PDF) 10 Page - NEC

Part # MC-9400A
Description  320 (240)-BIT AC- PDP DRIVER MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-9400A Datasheet(HTML) 10 Page - NEC

Back Button MC-9400A Datasheet HTML 6Page - NEC MC-9400A Datasheet HTML 7Page - NEC MC-9400A Datasheet HTML 8Page - NEC MC-9400A Datasheet HTML 9Page - NEC MC-9400A Datasheet HTML 10Page - NEC MC-9400A Datasheet HTML 11Page - NEC MC-9400A Datasheet HTML 12Page - NEC MC-9400A Datasheet HTML 13Page - NEC MC-9400A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MC-9400A
Switching characteristics waveform
Propagation delay time
tPHL2, tPLH2
Propagation delay time (BLK
→ OUT)
tPHL3, tPLH3
tPHL2
tPLH2
50 %
50%
10%
90 %
On
On
/CLK2
tPHL3
tPLH3
50 %
50%
10%
90 %
On
BLK


Similar Part No. - MC-9400A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MC-941 MITSUMI-MC-941 Datasheet
74Kb / 2P
   MOST Connectors
MC-941-002-8816A MITSUMI-MC-941-002-8816A Datasheet
74Kb / 2P
   MOST Connectors
More results

Similar Description - MC-9400A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
   96-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
   40-BIT AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
   96-Bit AC-PDP DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
   96-BIT AC-PDP DRIVER
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16335 NEC-UPD16335 Datasheet
70Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
   96-BIT AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com