Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4W-V Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # Z4W-V
Description  Low-cost Displacement Sensor with 10-micron Resolution with Red LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z4W-V Datasheet(HTML) 5 Page - Omron Electronics LLC

  Z4W-V Datasheet HTML 1Page - Omron Electronics LLC Z4W-V Datasheet HTML 2Page - Omron Electronics LLC Z4W-V Datasheet HTML 3Page - Omron Electronics LLC Z4W-V Datasheet HTML 4Page - Omron Electronics LLC Z4W-V Datasheet HTML 5Page - Omron Electronics LLC Z4W-V Datasheet HTML 6Page - Omron Electronics LLC Z4W-V Datasheet HTML 7Page - Omron Electronics LLC Z4W-V Datasheet HTML 8Page - Omron Electronics LLC Z4W-V Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Z4W-V
Z4W-V
Nomenclature
Operation
Connections/Output Circuits
Note:
*The two ground terminals (black and shield) are internally
connected. However, the black ground must be used with
the red terminal for the power supply and the shield
ground must be used with the white terminal for the analog
output.
Range indicator (green/red)
Stability indicator (green/red)
Optical axis marker
Transmitter
Receiver
Power supply
(Brown) 12 to 24 VDC
GND
(Blue) 0 V
DARK output
(Orange) 50 mA max. at 30 VDC
Analog output
(Black) 40 to 20 mA
GND
(Shield)*
12 to 24 VDC
4 to 20 mA
0 V
(Red)
(White)
(Shield)
(Black)
(Orange)
Load power supply
(30 VDC max.)
Linear
differentiator, etc.


Similar Part No. - Z4W-V

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z4W121-RC-10 SUPERWORLD-Z4W121-RC-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
Z4W151-RC-10 SUPERWORLD-Z4W151-RC-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
Z4W221-RC-10 SUPERWORLD-Z4W221-RC-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
KEC(Korea Electronics)
Z4W27V KEC-Z4W27V Datasheet
45Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
Superworld Electronics
Z4W301-RB-10 SUPERWORLD-Z4W301-RB-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
More results

Similar Description - Z4W-V

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31015 ZMD-ZMD31015_10 Datasheet
163Kb / 2P
   RBicdLite Low-Cost Sensor Signal Conditioner with Diagnostics
logo
Analog Devices
AD2025 AD-AD2025_15 Datasheet
1Mb / 4P
   LOW COST 4 DIGIT DPMS WITH LED DISPLAYS
AD2028 AD-AD2028_15 Datasheet
1Mb / 4P
   LOW COST 4 DIGIT DPMS WITH LED DISPLAYS
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014_1 Datasheet
1Mb / 2P
   RBic Low-Cost Sensor Signal Conditioner with I2C & SPI
logo
Analog Devices
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
Vishay Siliconix
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
   High Resolution Digital Proximity Sensor With I2C Interface
01-Jan-2022
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
   Linear Output Proximity Sensor with High-accuracy Resolution
logo
Vishay Siliconix
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
   High Resolution Digital Proximity Sensor With I2C Interface
01-Jan-2023
logo
WAGO Kontakttechnik Gmb...
286-822 WAGO-286-822 Datasheet
119Kb / 4P
   Component module with LED; Red LED; with common cathode
23.11.2021
logo
Intersil Corporation
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com