Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECO650UPSM Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # ECO650UPSM
Description  Eco 650VA Energy-saving Standby 120V UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ECO650UPSM Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  ECO650UPSM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ECO650UPSM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved ECO650UPSM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved ECO650UPSM Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC System Voltage (VDC)
12
LEDS ALARMS & SWITCHES
LED Indicators
3 LEDs indicate power status, overload/check battery and ECO-mode status
Audible Alarm
Alarm is factory muted for silent operation; Audible alarm can be restored to indicate power failure and overload
conditions using PowerAlert UPS management software
Switches
Combination switch controls on/off power status and self-test operation; second recessed push-button switch
enables ECO outlet switching
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
420
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
3.1 x 10.8 x 5.7
UPS Power Module Dimensions
(hwd, cm)
7.8 x 27.6 x 14.6
UPS Power Module Weight (lbs.)
6.6
UPS Power Module Weight (kg)
3
UPS Shipping Dimensions (hwd / in.)
4.1 x 13 x 8
UPS Shipping Dimensions (hwd /
cm)
10.4 x 33 x 20.3
Shipping Weight (lbs.)
7.1
Shipping Weight (kg)
3.2
UPS Housing Material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
14
AC Mode Efficiency Rating (100%
Load)
99%
3 / 4


Similar Part No. - ECO650UPSM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650UPSM TRIPPLITE-ECO650UPSM_15 Datasheet
519Kb / 4P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, Muted Alarm and 8 Outlets
More results

Similar Description - ECO650UPSM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650LCD TRIPPLITE-ECO650LCD Datasheet
532Kb / 5P
   ECO 650VA Energy-saving 120V Standby UPS
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
   TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
ECO850LCD TRIPPLITE-ECO850LCD Datasheet
548Kb / 5P
   ECO 850VA Energy-saving 120V Standby UPS
logo
List of Unclassifed Man...
ECO550UPS ETC2-ECO550UPS Datasheet
532Kb / 6P
   Eco 550VA Energy-saving Standby 120V UPS with USB port
ECO750UPS ETC2-ECO750UPS Datasheet
512Kb / 6P
   Eco 750VA Energy-saving Standby 120V UPS with USB port
ECO350UPS ETC2-ECO350UPS Datasheet
521Kb / 6P
   Eco 350VA Energy-saving Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
ECO750UPS TRIPPLITE-ECO750UPS Datasheet
510Kb / 4P
   Eco 750VA Energy-saving Standby 120V UPS with USB port
ECO350UPS TRIPPLITE-ECO350UPS Datasheet
518Kb / 4P
   Eco 350VA Energy-saving Standby 120V UPS with USB port
ECO550UPS TRIPPLITE-ECO550UPS Datasheet
529Kb / 4P
   Eco 550VA Energy-saving Standby 120V UPS with USB port
ECO650UPSM TRIPPLITE-ECO650UPSM_15 Datasheet
519Kb / 4P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, Muted Alarm and 8 Outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com