Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBSC0303-10NF-50V Datasheet(PDF) 1 Page - Micross Components

Part # WBSC0303-10NF-50V
Description  Wire Bonding Silicon Vertical Capacitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

WBSC0303-10NF-50V Datasheet(HTML) 1 Page - Micross Components

  WBSC0303-10NF-50V Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire Bonding Silicon Vertical
Capacitor
WBSC0303 10nF (50V)
935.142.620.510
Key Features
• Full Compatible to Monolithic Ceramic Capacitors
• Low Profile
• Ultra High Stability of Capacitance Value;
• Temperature <±1% (-55 to +150°C)
• Voltage < 0.1 % / V
• Negligible Capacitance Loss through Ageing
• Custom Sizes, Values, Shapes, Tolerances and Higher
Voltage
• Low Leakage Current down to 100pA
Key Applications
• Any Demanding Applications, such as Medical, Aerospace,
Automotive Industrial.
• Applicable for Standard Wire Bonding Approach ( Ball and
Wedge)
• High Reliability Applications
• Decoupling / Filtering / Charge Pump (ie. Pacemakers,
Defibrillators)
• Downsizing
2 & 4 Hellesdon Park Road, Norwich, Norfolk, NR6 5DR
+44 (0)1603 788967
www.micross.com
chipcomponents@micross.com
Pb
The IPDiA Technology is the most appropriate solution
for Chip On Board, Chip On Foil, Chip On Glass, Chip On
Ceramic, Flip Chip and Embedded Applications, when
designers are looking at Utmost Decoupling Behaviours.
This silicon based technology is RoHS compliant and
compatible with lead free reflow soldering process.
Part Number
935.132.
B. 2
S.
U.
xx
Breakdown
Size:
Unit:
Value
ie. 10nF/0303 case (WBSC type)
935.142.620.510
Voltage:
0 = 0303 5 = 0302
0 = 10f
5 = 1n
4 = 11V
1 = 0202 6 = 0503
1 = 0.1p 6 = 10n
7 = 30V
2 = 0101 7 = 0402
2 = 1p
7 = 0.1u
3 = 0404 8 = 0201
3 = 10p 8 = 1u
4 = 0504
4 = 0.1n 9 = 10u
Parameters
Value
Capacitance Range 10pF to 22nF
Capacitance Tolerances ±15%
Operating Temperature Range -55°C to 150°C
Storage Temperatures -70°C to 165°C
Temperature Coefficient <±1%, from -55°C to +150°C
Breakdown Voltage (BV) 150, 50, 30
Capacitance Variation Vs. RVDC 0.1% IV (from 0 V to RVDC)
Equivalent Serial Inductor (ESL) Max 100pH
Equivalent Serial Resistor (ESR) Max 100mΩ
Insulation Resistance 100GΩ 16V from -55 to 150°C
Ageing Negligible, < 0.001% / 1000h
Reliability FIT < 0.017 parts / billion hours, RVDC,
from -55 to 150°C
Capacitor Height Max 250µm


Similar Part No. - WBSC0303-10NF-50V

ManufacturerPart #DatasheetDescription
logo
Micross Components
WBSC0303-10NF MICROSS-WBSC0303-10NF Datasheet
223Kb / 1P
   Wire Bonding Silicon Vertical Capacitor
More results

Similar Description - WBSC0303-10NF-50V

ManufacturerPart #DatasheetDescription
logo
Micross Components
WBSC0504-22NF-50V MICROSS-WBSC0504-22NF-50V Datasheet
223Kb / 1P
   Wire Bonding Silicon Vertical Capacitor
WBSC0303-10NF MICROSS-WBSC0303-10NF Datasheet
223Kb / 1P
   Wire Bonding Silicon Vertical Capacitor
logo
Murata Manufacturing Co...
935142050510-F1T MURATA1-935142050510-F1T Datasheet
952Kb / 10P
   Wire bonding Vertical Silicon Capacitor WBSC / WLSC 0303 10nF BV100
Rev.2.01
935142837522-F1T MURATA1-935142837522-F1T Datasheet
1Mb / 11P
   Wire bonding Vertical Silicon Capacitor WBSC / WLSC 0402 22nF BV30
Rev.2.05
935157425510-F1A MURATA1-935157425510-F1A Datasheet
1Mb / 11P
   Ultra-Broadband wire bonding / EMbedding Silicon Capacitor UBEC425.510
Rev. 1.07
935242522447-F1T MURATA1-935242522447-F1T Datasheet
770Kb / 8P
   Wire bonding vertical SiCap 4.7nF 0,5x2mm
Rev. 3.0
935148522310-F1T MURATA1-935148522310-F1T Datasheet
597Kb / 7P
   Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0
935146632410-F1T MURATA1-935146632410-F1T Datasheet
943Kb / 11P
   Wire bonding Low profile vertical SiCap WLSC632.410 1nF/0101/BV50
Rev. 2.11
logo
TT Electronics.
PCR TTELEC-PCR Datasheet
362Kb / 3P
   Termination available for wire bonding or soldering
logo
Murata Manufacturing Co...
935142831510-F1T MURATA1-935142831510-F1T Datasheet
996Kb / 12P
   Wire bondable vertical Silicon Capacitor WBSC/WLSC 0202 10nF BV30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com