Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH-751 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH-751
Description  Heavy-duty, industrial quality, continuous duty heat blower
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH-751 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH-751 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH-751 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AH-502
10155
500°F
260°C
230V
7.3A
1680 W
50/60 Hz
AH-752
10157
750°F
400°C
230V
9.4A
2160 W
50/60 Hz
All 120 volt models meet NOM requirements in Mexico.
*Comes standard with NEMA plug type-5-20P
SPECIFICATIONS
Ave. Air Volume: 47 CFM
Nozzle O.D.: 2.6"
Ave. Air Velocity: 2200 FPM
Nozzle Opening: 1.8"
Motor: Induction
Cordset: 6 ft., 3-wire grounded
Base Size: 6" x 6"
Net Weight: 6 lbs.
Dimensions: 12" L x 6" W x 9" H,
(AH-301 & AH-302, 9" L x 6" W x 9" H)
Shipping Weight: 8 lbs.
Many international voltages/cordsets available upon request.
Contact our Sales Department for appropriate Model Numbers.
View Replacement Parts List
Users should independently evaluate the suitability of the product for their application.
HOME
BACK TO PRODUCT LISTING


Similar Part No. - AH-751

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AH-703F MACOM-AH-703F Datasheet
35Kb / 1P
   AH-703F SPST, 400 Amps, 28 VDC
logo
TE Connectivity Ltd
AH-703F TEC-AH-703F Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
More results

Similar Description - AH-751

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX505 EXTECH-EX505_15 Datasheet
369Kb / 1P
   Heavy Duty Industrial MultiMeters
EX530 EXTECH-EX530_15 Datasheet
369Kb / 1P
   Heavy Duty Industrial MultiMeters
EX503 EXTECH-EX503 Datasheet
371Kb / 1P
   Heavy Duty Industrial MultiMeters
EX503 EXTECH-EX503_15 Datasheet
369Kb / 1P
   Heavy Duty Industrial MultiMeters
EX505-K EXTECH-EX505-K Datasheet
535Kb / 1P
   Heavy Duty Industrial MultiMeter Kit
logo
DANFOSS POWER SOLUTIONS
MTB3250 DANFOSS-MTB3250 Datasheet
1Mb / 6P
   Heavy-duty industrial temperature sensor.
2021.02
logo
Littelfuse
24080 LITTELFUSE-24080 Datasheet
740Kb / 2P
   CONTINUOUS DUTY SOLENOIDS
2020 Rev: 121520-B
logo
Molex Electronics Ltd.
130172-0139 MOLEX11-130172-0139 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer
130172-0176 MOLEX11-130172-0176 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LAS Balancer
130172-0098 MOLEX11-130172-0098 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com