Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0500 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0500
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0500 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (OPTION 060 ONLY)*
Description
Symbol
8 Pin DIP
SO-8
Unit
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage
≤ 150 V
rms
for rated mains voltage
≤ 300 V
rms
for rated mains voltage
≤ 600 V
rms
I – IV
I – IV
I – IV
I – IV
I – IV
I – III
Climatic Classification
0/70/21
0/70/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
V
IORM
630
567
V
peak
Input to Output Test Voltage, Method b*
V
IORM × 1.875 = VPR, 100% Production Test with tm=1 sec, Partial discharge < 5 pC
V
PR
1181
1063
V
peak
Input to Output Test Voltage, Method a*
V
IORM × 1.6 = VPR, Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
V
PR
1008
907
V
peak
Highest Allowable Overvoltage* (Transient Overvoltage t
ini = 60 sec)
V
IOTM
8000
6000
V
peak
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
Input Current
Output Power
T
S
I
S, INPUT
P
S, OUTPUT
175
230
600
150
150
600
°C
mA
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 109
≥ 109
* Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-5, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application.
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (HCNW135/6 OPTION 060 ONLY)*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage
≤ 150 V
rms
for rated mains voltage
≤ 300 V
rms
for rated mains voltage
≤ 600 V
rms
for rated mains voltage
≤ 1000 V
rms
I – IV
I – IV
I – IV
I – III
Climatic Classification
0/70/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
V
IORM
1414
V
peak
Input to Output Test Voltage, Method b*
V
IORM × 1.875 = VPR, 100% Production Test with tm=1 sec, Partial discharge < 5 pC
V
PR
2651
V
peak
Input to Output Test Voltage, Method a*
V
IORM × 1.6 = VPR, Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
V
PR
2262
V
peak
Highest Allowable Overvoltage* (Transient Overvoltage t
ini = 60 sec)
V
IOTM
8000
V
peak
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
Input Current
Output Power
T
S
I
S, INPUT
P
S, OUTPUT
150
400
700
°C
mA
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 109
* Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-5, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application.


Similar Part No. - HCPL-0500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0500 HP-HCPL-0500 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500 AVAGO-HCPL-0500 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-0500 AVAGO-HCPL-0500 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0500 AVAGO-HCPL-0500 Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-0500 AVAGO-HCPL-0500 Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com