Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSSS2221 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # STSSS2221
Description  ALPS EUROPE DISTRIBUTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

STSSS2221 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  STSSS2221 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. STSSS2221 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. STSSS2221 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. STSSS2221 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. STSSS2221 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. STSSS2221 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. STSSS2221 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
//htmlimg2.alldatasheet.net/htmldatasheet2/635006/ALPS/STSSS2221/306/3/STSSS2221.png


Similar Part No. - STSSS2221

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STSS BOURNS-STSS Datasheet
215Kb / 2P
   SMD 4 mm Sealed Tact Switch
STSS-32-TR BOURNS-STSS-32-TR Datasheet
215Kb / 2P
   SMD 4 mm Sealed Tact Switch
More results

Similar Description - STSSS2221

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHHLUA010 ALPS-SKHHLUA010 Datasheet
713Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
CUI INC
SMI-EU-3L CUI-SMI-EU-3L Datasheet
407Kb / 2P
   EUROPE BLADE
SMI-EU-5 CUI-SMI-EU-5 Datasheet
178Kb / 2P
   EUROPE BLADE
SMI-EU-1 CUI-SMI-EU-1 Datasheet
224Kb / 2P
   EUROPE BLADE
SMI-EU-5W CUI-SMI-EU-5W Datasheet
176Kb / 2P
   EUROPE BLADE
11/20/2020
SMI-EU-3 CUI-SMI-EU-3 Datasheet
703Kb / 2P
   EUROPE BLADE
SMI-EU-3 CUI-SMI-EU-3_V01 Datasheet
700Kb / 2P
   EUROPE BLADE
06/20/2019
AC-C7-EU CUI-AC-C7-EU_V01 Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C7EU CUID-AC-C7EU Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com