Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC2415UW15 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC2415UW15
Description  15 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2415UW15 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC2415UW15 Datasheet HTML 1Page - Wall Industries,Inc. LANC2415UW15 Datasheet HTML 2Page - Wall Industries,Inc. LANC2415UW15 Datasheet HTML 3Page - Wall Industries,Inc. LANC2415UW15 Datasheet HTML 4Page - Wall Industries,Inc. LANC2415UW15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/06/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. B
LANCUW15 SERIES
4:1 Wide Input Voltage Range
Single and Dual Outputs
24 Pin DIP Package
15 Watt DC/DC Power Converters
APPLICATIONS
• Wireless Networks
• Telecom / Datacom
• Measurement Equipment
• Industry Control Systems
Semiconductor Equipment
FEATURES
• Single and Dual Outputs
• Low Profile
• High Power Density with 15 Watts Output Power
• 4:1 Wide Input Voltage Range
• High Efficiency up to 90%
• 1600VDC I/O Isolation
• Output Current up to 4A
• Positive Logic Remote ON/OFF
• Fixed Switching Frequency
• Over Voltage, Over Load, and Short Circuit Protection
• Low Standby Power Dissipation
• Input Under Voltage Lockout
• Six-Sided Continuous Shield
• Standard 24 Pin DIP Package
• UL60950-1, EN60950-1, and IEC60950-1 Safety Approvals
• Compliant to RoHS EU Directive 2002/95/EC
DESCRIPTION
The LANCUW15 series of DC/DC power converters provides 15 watts of output power in a 1.25 x 0.80 x 0.40 inch DIP
package. This series has single and dual output models with 4:1 wide input voltage ranges of 9-36VDC and 18-75VDC.
Some features include high efficiency, 1600VDC I/O isolation, six-sided shielding, and positive logic remote ON/OFF.
These converters are also protected against over voltage (single outputs only), over load, and short circuit conditions. All
models are RoHS compliant and have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. This series is best suited
for use in wireless networks, telecom/datacom, measurement equipment, industry control systems, and semiconductor
equipment.


Similar Part No. - LANC2415UW15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2415UW15 WALL-LANC2415UW15 Datasheet
232Kb / 5P
   Single and Dual Outputs
More results

Similar Description - LANC2415UW15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com