Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE151 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # BE151
Description  MUSB CONNECTOR SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BE151 Datasheet(HTML) 3 Page - Amphenol Corporation

  BE151 Datasheet HTML 1Page - Amphenol Corporation BE151 Datasheet HTML 2Page - Amphenol Corporation BE151 Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Amphenol Canada
Copyright © Amphenol Corporation 2006 • All rights reserved
605 Milner Avenue
Toronto, Ontario, Canada M1B 5X6
Telephone: 416-291-4401
Fax: 416-754-8668
www.amphenolcanada.com or www.amphenolacp.com
MUSB - C
21
1 - 313
MUSB Connector series designation - Rugged USB
STYLE
A - Receptacle type A, single
B - Receptacle type Mini-B, single
C - Receptacle type A over type A, stacked
D - Receptacle type B, single
E - Receptacle type Mini-AB, single
Notes
6) Termination Code B currently available for style A
8 - Right angle pcb tail, on pcb with vertical cable header, note 5
3 - With rear shield; shell with Unified National thread, note 8 & 9
A - Right angle pcb tail, on pcb without extra connectors,note 4
OPTIONS
5 - Standard 5 per port (use for styles B & E)
D - Right angle pcb tail, on pcb, vertical 2x5 dual row header note 7
B - Right angle pcb tail, on pcb vertical 5 pin one row header note 6
1) Termination code 2 currently available for styles A, C & D. A 14 pin cable header is used for styles A & C. A 10 pin cable header is used for style D.
11) Unique special code defines the entire part. Note that code 3, for example, may have a completely different definition for every connector where it is
used.
4) Termination code 6 proposed for style A only.
7) Termination code D currently available for style C
NUMBER OF CONTACTS
1 - Standard 4 per port (use for styles A, C & D)
SPECIALS
0 - Standard (means 30u" (0.76um) gold, no dust cover)
1 - With grey color dust cover (supplied bulk packed)
3 - 50u" (1.27um) gold
5 - With black color dust cover (supplied bulk packed)
2) Termination code 3 currently available for styles A & C.
M - With rear shield; shell with Metric thread, note 8 & 10
COLOR
1 - Standard black
MUSB CONNECTOR PRODUCT NUMBERING SYSTEM
UNIQUE SPECIAL CODE
No Digit - Part defined by previous 10 digits
1 to 9 - Unique special feature. Consult Factory
6 - Vertical with 4.6mm tail length - for MUSB-A511-06 only
0 - No rear shield; shell with Unified National thread, note 8 & 9
8) Rear shield required for styles A, C, D, with right angle pcb tails. Rear shield optional for styles B & E with r/a pcb tails. No rear shield for any vertical
pcb tail.
9) Unified National thread - use #4-40 UNC for styles A, C, D, and #2-56 UNC for styles B & E.
10) Metric thread - use M3 for styles A, C, D, and M2 for styles B & E.
5) Termination code 8 proposed for style A & C
4 - Right angle pcb tail, on pcb with terminal block(s), note 3
3) Termination code 4 currently available for style C using 2 x 5 position terminal blocks. Proposed for style A.
TERMINATION
1 - Right angle pcb tail
2 - Right angle pcb tail, on pcb with right angle cable header, note 1
3 - Right angle pcb tail, on pcb with matching USB termination, note 2
5 - Vertical pcb tail
6 - Right angle pcb tail, on pcb with MRJ & r/a cable header, note 5


Similar Part No. - BE151

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BE11B-PASK JST-BE11B-PASK Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
Meder Electronic
BE12-1A66-1B66-M_DE MEDER-BE12-1A66-1B66-M_DE Datasheet
100Kb / 2P
   (deutsch) BE Reed Relay
BE12-1A66-M MEDER-BE12-1A66-M Datasheet
92Kb / 1P
   BE Reed Relays
logo
Standex Electronics, In...
BE12-1A66-M STANDEX-BE12-1A66-M Datasheet
73Kb / 1P
   BE Series Reed Relay
Version: 02
logo
Meder Electronic
BE12-1A66-M_DE MEDER-BE12-1A66-M_DE Datasheet
92Kb / 1P
   (deutsch) BE Reed Relay
More results

Similar Description - BE151

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
logo
ITT Industries
M3-BLWC1-10-1000-0 ITT-M3-BLWC1-10-1000-0 Datasheet
600Kb / 2P
   Cm3 Connector Series
120220-0113 ITT-120220-0113 Datasheet
185Kb / 1P
   MOBILE CONNECTOR SERIES
logo
Amphenol Corporation
083-58FCP AMPHENOL-083-58FCP Datasheet
2Mb / 8P
   UHF Connector Series
logo
ITT Industries
KPSE06F16-26S ITT-KPSE06F16-26S Datasheet
369Kb / 2P
   26482 Series Connector
120220-0127 ITT-120220-0127 Datasheet
114Kb / 1P
   MOBILE CONNECTOR SERIES
logo
Hirose Electric
QRP1-12P-C HIROSE-QRP1-12P-C Datasheet
213Kb / 4P
   QP/P1 SERIES CONNECTOR
logo
Tyco Electronics
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
Switchcraft, Inc.
EN3L2MC SWITCH-EN3L2MC Datasheet
22Kb / 1P
   MINI WEATHERTIGHT CONNECTOR SERIES
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com