Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDSDAB-016G Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDSDAB-016G
Description  SanDisk SD Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDSDAB-016G Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SDSDAB-016G Datasheet HTML 3Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 4Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 5Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 6Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 7Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 8Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 9Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 10Page - List of Unclassifed Manufacturers SDSDAB-016G Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SanDisk SD Card - OEM Product Manual
Introduction
11/2010, Version 2.9. © 2007 - 2010 SanDisk Corporation. SanDisk Confidential, subject to all applicable non-disclosure
agreements
4
4
issues a read or write command to the card. The command contains the address and number of
sectors to write or read. The host software then waits for the command to complete.
The host software does not get involved in the details of how the flash memory is erased,
programmed or read. This is extremely important because flash devices are expected to get
increasingly complex in the future. Because SanDisk SD cards use an intelligent on-board
controller, host system software will not need to be updated as new flash memory evolves. In
other words, systems that support the SD Card today will be able to access future SanDisk
cards built with new flash technology without having to update or change host software.
1.5.2
Defect and Error Management
The SanDisk SD Card contains a sophisticated defect and error management system. This
system is analogous to the systems found in magnetic disk drives and in many cases offers
enhancements. If necessary, SanDisk SD Card will rewrite data from a defective sector to a
good sector. This is completely transparent to the host and does not consume any user data
space. The SanDisk SD Card soft error rate specification is much better than the magnetic disk
drive specification. In the extremely rare case that a read error does occur, SanDisk SD Card
has innovative algorithms to recover the data. These defect and error management systems,
coupled with the solid state construction, give SanDisk SD Card unparalleled reliability.
1.5.3
Content Protection
A detailed description of the content protection mechanism and related security SD commands
can be found in the SD Security Specification from the SDA. All SD security-related
commands in the SanDisk SD Card operate in the data transfer mode.
1.5.4
Wear Leveling
Wear leveling is an intrinsic part of the erase pooling functionality of SanDisk SD cards.
1.5.5
Automatic Sleep Mode
A unique feature of SanDisk SD Cards is automatic entrance and exit from sleep mode. Upon
completion of an operation, cards enter sleep mode to conserve power if no further commands
are received. The host does not have to take any action for this to occur.
When the host is ready to access a card in sleep mode, any command issued to it will cause it
to exit sleep, and respond.
1.5.6
Hot Insertion
Support for hot insertion will be required on the host but will be supported through the
connector. Connector manufacturers will provide connectors that have power pins long
enough to be powered before contact is made with the other pins. This approach is similar to
that used in PCMCIA devices to allow for hot insertion.
1.6
SD Card Products in SD Bus Mode
The following sections provide valuable information on SanDisk SD Cards in SD Bus mode.
SanDisk SD Cards are fully compliant with the SDA Physical Layer Specification, Version
3.01. Card Specific Data (CSD) Register structures are compliant with CSD Structure 1.0 and
2.0.
This section covers Negotiating Operating Conditions, Card Acquisition and Identification,
Card Status, Memory Array Partitioning, Read/Write Operations, Data Transfer Rate, Data
Protection in Flash Cards, Write Protection, Copy Bit, and CSD Register.
Additional practical card detection methods can be found in application notes pertaining to the
SDA Physical Layer Specification, Version 3.01.


Similar Part No. - SDSDAB-016G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SDSDB-256-A10 AD-SDSDB-256-A10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
   From the world leader in flash memory cards
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
   OEM Product Manual
SDSDQAB-004G ETC1-SDSDQAB-004G Datasheet
1Mb / 4P
   Transforming possibilities into reality
More results

Similar Description - SDSDAB-016G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Western Digital Corpora...
SDIN7DP2-4G WESTERN-SDIN7DP2-4G Datasheet
351Kb / 2P
   SanDisk Commercial Embedded Storage Solutions
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
   SD Card Receptacle
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
   micro SD Card Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com