Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8050 Datasheet(PDF) 2 Page - Zhaoxingwei Electronics ., Ltd

Part # SS8050
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

SS8050 Datasheet(HTML) 2 Page - Zhaoxingwei Electronics ., Ltd

  SS8050 Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd SS8050 Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS8050
SMD Type
SMD Type
Transistors
Typical Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
1
1
1
0
00
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
1
10
100
1000
1
10
100
1000
300
30
3
30
3
1500
300
30
3
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE
(V)
I
C
V
BE
——
T
a=100
T
a=25
I
C
f
T
——
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
β=10
T
a=100
T
a=25
1500
C
ob
C
ib
REVERSE VOLTAGE V (V)
V
CB/ VEB
C
ob/ Cib
——
f=1MHz
I
E=0/IC=0
T
a=25
200
20
300
30
3
300
30
3
3
30
300
300
30
3
30
300
COMMON EMITTER
V
CE=1V
COLLECTOR CURRENT I
C
(mA)
T
a=100
T
a=25
I
C
h
FE
——
1500
COMMON
EMITTER
T
a=25
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
3
0.3
30
3
β=10
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
1500


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
SS8050 DGNJDZ-SS8050 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
SS8050 DGNJDZ-SS8050 Datasheet
513Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Shenzhen Luguang Electr...
SS8050 LUGUANG-SS8050 Datasheet
1Mb / 3P
   Silicon Epitaxial Planar Transistor
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com