Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T852Z Datasheet(PDF) 5 Page - Zhaoxingwei Electronics ., Ltd

Part # ZX5T852Z
Description  60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

ZX5T852Z Datasheet(HTML) 5 Page - Zhaoxingwei Electronics ., Ltd

  ZX5T852Z Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd ZX5T852Z Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd ZX5T852Z Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd ZX5T852Z Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd ZX5T852Z Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd ZX5T852Z Datasheet HTML 6Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL CHARACTERISTICS
SMD Type
Transistors


Similar Part No. - ZX5T852Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851A ZETEX-ZX5T851A Datasheet
105Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZX5T851A DIODES-ZX5T851A Datasheet
114Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Zetex Semiconductors
ZX5T851ASTOA ZETEX-ZX5T851ASTOA Datasheet
105Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZX5T851ASTZ ZETEX-ZX5T851ASTZ Datasheet
105Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZX5T851A DIODES-ZX5T851A_15 Datasheet
114Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
More results

Similar Description - ZX5T852Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zhaoxingwei Electronics...
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z Datasheet
131Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com