Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAQF600-24S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAQF600-24S
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF600-24S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAQF600-24S Datasheet HTML 1Page - Wall Industries,Inc. PSAQF600-24S Datasheet HTML 2Page - Wall Industries,Inc. PSAQF600-24S Datasheet HTML 3Page - Wall Industries,Inc. PSAQF600-24S Datasheet HTML 4Page - Wall Industries,Inc. PSAQF600-24S Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev A
PSAQF600 SERIES
Up to 600 Watts, AC/DC Switching Power Supplies
01/15/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
MECHANICAL DRAWING
1.73 (44.0)
7
6
5
4
3
2
LED
1
A
A
A
A
0.20 (5.0)
R6.0
7.48 (190.0)
A=M4
B=M3
Ø6.0
Vo Adj
8.74 (222.0)
9.00 (228.5)
A
A
A
A
B
B
B
8.74 (222.0)
7.48 (190.0)
0.63
(16.0)
4.11 (104.5)
0.51
(13.0)
Unit: inches (mm)
C8
C7
C6
C5
C4
C3
C2
C1
CN4
NOTES
1. Tolerance: ±0.02” (±0.5mm)
2. Weight: 2.26 lbs (1024g)
3. All dimensions are for reference only
ASSEMBLY INSTRUCTIONS
*U Case
T = 0.08” (2.0mm)
Customer screws into the length of the case no higher than 0.02” (0.5mm)
(Namely screw length for load plate thickness plus 0.1” (2.5mm))
AC INPUT TERMINAL PIN
1
AC IN
DC OUTPUT TERMINAL PIN
2~4
-DC OUT
5~7
+DC OUT
CONNECTOR PIN (CN4)
C1
+S
C2
-S
C3
CS
C4
GND
C5
GND
C6
+RC
C7
+PG
C8
+5V -AUX
PIN
ASSIGNMENT
PIN
ASSIGNMENT
PIN
ASSIGNMENT


Similar Part No. - PSAQF600-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF100O WALL-PSAQF100O Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-12S WALL-PSAQF100O-12S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-15S WALL-PSAQF100O-15S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-24S WALL-PSAQF100O-24S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
PSAQF100O-48S WALL-PSAQF100O-48S Datasheet
380Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF600-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com