Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

010505325 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 010505325
Description  NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch,3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

010505325 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  010505325 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/05/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98819-1025
Status:
Active
Overview:
NSCC - New Standard Casing Contact
Description:
NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch,3
Circuits, Green
Documents:
3D Model
Application Specification AS-98821-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-98821-001 (PDF)
General
Product Family
Crimp Housings
Series
98819
Application
Power, Wire-to-Wire
Application Tooling Part Link
63813-3800
Overview
NSCC - New Standard Casing Contact
Product Name
NSCC
UPC
822348816590
Physical
Circuits (maximum)
2
Circuits Detail
4 x 1.5mm female terminals
Color - Resin
Green
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
2.140/g
Number of Rows
1
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
5.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Old Part Number
010505325
Reference - Drawing Numbers
Application Specification
AS-98821-001
Product Specification
PS-98821-001
Sales Drawing
SD-98818-002, SD-98819-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98819Series
Mates With
98819 NSCC 3.33mm Pitch Female Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extractor Tool for
Unsealed Receptacle
Connectors
0638133800
This document was generated on 11/05/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 010505325

ManufacturerPart #DatasheetDescription
logo
Lumberg
010505 LUMBERG-010505 Datasheet
452Kb / 3P
   DIN circular connectors
logo
List of Unclassifed Man...
0105050300 ETC2-0105050300 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
0105050385 ETC2-0105050385 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
0105050385 ETC2-0105050385 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 010505325

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98819-1020 MOLEX11-98819-1020 Datasheet
47Kb / 1P
   NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch, 2
98819-1021 MOLEX11-98819-1021 Datasheet
46Kb / 1P
   NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch, 2
0988191025 MOLEX1-0988191025 Datasheet
43Kb / 2P
   NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch,3 Circuits, Green
0988191021 MOLEX1-0988191021 Datasheet
40Kb / 2P
   NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch, 2 Circuits, Black
0988191020 MOLEX1-0988191020 Datasheet
41Kb / 2P
   NSCC Receptacle Connector, Single Part, Unsealed, 2.80mm, 5.00mm Pitch, 2 Circuits, White
98821-1030 MOLEX11-98821-1030 Datasheet
43Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, White
0988211030 MOLEX1-0988211030 Datasheet
36Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, White
98821-1039 MOLEX11-98821-1039 Datasheet
43Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, Brown
0988211031 MOLEX1-0988211031 Datasheet
39Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, Black
0988211035 MOLEX1-0988211035 Datasheet
36Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, Green
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com