Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1H821X5 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECHU1H821X5
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H821X5 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECHU1H821X5 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 9Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ECHU (X) Type
DC16V series
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
Applicable Specifications
(Stacked Metallized Film)
86
80
74
68
62
58
52
48
43
40
37
33
31
28
26
24
22
20
19
dv/dt(V/us)
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
Capacitance
Value(uF)
332
392
472
562
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
Code
DC
16V
Rating
Voltage
0.28
0.31
0.35
0.38
0.42
0.48
0.52
0.58
0.65
0.72
0.81
0.89
1.02
1.09
1.22
1.34
1.50
1.64
1.90
Current(
0-P)
(A)
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Permissible Voltage
1
10
100
10
100
1000
From 3300 pF to 0.039 uF
From 0.047 uF to 0.10 uF
(at sine wave)
Frequency (kHz)
Permissible Current
0.0
0.5
1.0
1.5
2.0
10
100
1000
0.10 uF
0.082 uF
0.068 uF
0.056 uF
0.047 uF
0.039 uF
0.033 uF
0.027 uF
0.022 uF
0.018 uF
0.015 uF
0.012 uF
0.010 uF
8200 pF
6800 pF
4700 pF
3900 pF
3300 pF
Frequency (kHz)
5600 pF
Voltage Derating by Temperature
0
5
10
15
20
-60 -40 -20 0
20 40 60 80 100 120 140
Surface Temperature of Capacitor(DegreeC)


Similar Part No. - ECHU1H821X5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
412Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1H821X5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com