Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQV1H474JL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQV1H474JL
Description  Stacked Metallized Plastic Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1H474JL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQV1H474JL Datasheet HTML 1Page - Panasonic Semiconductor ECQV1H474JL Datasheet HTML 2Page - Panasonic Semiconductor ECQV1H474JL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC31−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box or Reel
●Type ECQV(M) Rated voltage : 63 VDC
0.010
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.012
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.015
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.018
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.022
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.027
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.033
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.039
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.047
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.056
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.068
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.082
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.10
7.5
3.2
7.0
11.0
5.0
5.0
0.50
0.12
7.5
3.8
7.0
11.0
5.0
5.0
0.50
0.15
7.5
4.1
7.0
11.0
5.0
5.0
0.50
0.18
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.22
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.27
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.33
10.2
3.8
9.0
14.0
7.5
5.0
0.50
0.39
10.2
4.0
9.0
14.0
7.5
5.0
0.50
0.47
10.2
4.5
9.0
14.0
7.5
5.0
0.50
0.56
10.2
4.9
9.0
14.0
7.5
5.0
0.50
0.68
10.2
5.5
10.0
15.0
7.5
5.0
0.50
0.82
10.2
6.1
10.0
15.0
7.5
5.0
0.50
1.0
10.2
6.9
10.0
15.0
7.5
5.0
0.50
Min. order Q'ty
ECQV1J103JM(
)
ECQV1J123JM(
)
ECQV1J153JM(
)
ECQV1J183JM(
)
ECQV1J223JM(
)
ECQV1J273JM(
)
ECQV1J333JM(
)
ECQV1J393JM(
)
ECQV1J473JM(
)
ECQV1J563JM(
)
ECQV1J683JM(
)
ECQV1J823JM(
)
ECQV1J104JM(
)
ECQV1J124JM(
)
ECQV1J154JM(
)
ECQV1J184JM(
)
ECQV1J224JM(
)
ECQV1J274JM(
)
ECQV1J334JM(
)
ECQV1J394JM(
)
ECQV1J474JM(
)
ECQV1J564JM(
)
ECQV1J684JM(
)
ECQV1J824JM(
)
ECQV1J105JM(
)
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Taping
Bulk
2000
1000
500
●Type ECQV(M) Rated voltage : 100 VDC
0.010
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.012
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.015
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.018
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.022
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.027
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.033
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.039
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.047
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.056
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.068
7.5
4.0
7.0
12.0
5.0
5.0
0.50
0.082
7.5
4.1
7.0
12.0
5.0
5.0
0.50
0.10
7.5
4.5
7.0
12.0
5.0
5.0
0.50
0.12
10.2
3.3
9.0
14.0
7.5
5.0
0.50
0.15
10.2
3.3
9.0
14.0
7.5
5.0
0.50
0.18
10.2
3.6
9.0
14.0
7.5
5.0
0.50
0.22
10.2
4.0
9.0
14.0
7.5
5.0
0.50
0.27
10.2
4.2
9.0
14.0
7.5
5.0
0.50
0.33
10.2
4.8
10.0
15.0
7.5
5.0
0.50
0.39
10.2
5.5
10.0
15.0
7.5
5.0
0.50
0.47
10.2
6.8
10.5
15.5
7.5
5.0
0.50
Min. order Q'ty
ECQV1103JM(
)
ECQV1123JM(
)
ECQV1153JM(
)
ECQV1183JM(
)
ECQV1223JM(
)
ECQV1273JM(
)
ECQV1333JM(
)
ECQV1393JM(
)
ECQV1473JM(
)
ECQV1563JM(
)
ECQV1683JM(
)
ECQV1823JM(
)
ECQV1104JM(
)
ECQV1124JM(
)
ECQV1154JM(
)
ECQV1184JM(
)
ECQV1224JM(
)
ECQV1274JM(
)
ECQV1334JM(
)
ECQV1394JM(
)
ECQV1474JM(
)
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Taping
Bulk
2000
1000
2000
1000
500
Suffix for lead crimped or taped type
Style N: 0.010 µF to 0.15 µF
Style T: 0.18 µF to 1.0 µF
Style N: 0.010 µF to 0.10 µF
Style T: 0.12 µF to 0.47 µF
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
31
Discontinued


Similar Part No. - ECQV1H474JL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1H474JL PANASONIC-ECQV1H474JL Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
ECQV1H474JL PANASONIC-ECQV1H474JL Datasheet
92Kb / 3P
   Plastic Film Capacitors
ECQV1H474JL PANASONIC-ECQV1H474JL Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQV1H474JL PANASONIC-ECQV1H474JL Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1H474JL PANASONIC-ECQV1H474JL Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1H474JL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H154JL2 PANASONIC-ECQ-V1H154JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H224JL3 PANASONIC-ECQ-V1H224JL3 Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J393JM9 PANASONIC-ECQ-V1J393JM9 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H473JL2 PANASONIC-ECQ-V1H473JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H273JL3 PANASONIC-ECQ-V1H273JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H104JL2 PANASONIC-ECQ-V1H104JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com