Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD14049UB Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD14049UB
Description  Hex Inverter/Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14049UB Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD14049UB Datasheet HTML 1Page - Hitachi Semiconductor HD14049UB Datasheet HTML 2Page - Hitachi Semiconductor HD14049UB Datasheet HTML 3Page - Hitachi Semiconductor HD14049UB Datasheet HTML 4Page - Hitachi Semiconductor HD14049UB Datasheet HTML 5Page - Hitachi Semiconductor HD14049UB Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD14049UB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
HD14042B HITACHI-HD14042B Datasheet
85Kb / 7P
   Quadruple Latch
HD14043 HITACHI-HD14043 Datasheet
74Kb / 5P
   Quadruple R-S Latch
HD14043B HITACHI-HD14043B Datasheet
74Kb / 5P
   Quadruple R-S Latch
HD14044B HITACHI-HD14044B Datasheet
74Kb / 5P
   Quadruple R-S Latch
More results

Similar Description - HD14049UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195 ONSEMI-MC10195 Datasheet
102Kb / 4P
   Hex Inverter/Buffer
1996 REV 5
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
540Kb / 8P
   HEX BUFFER/CONVERTER (INVERTER)
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
   HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com