Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMPG3338S Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # EMPG3338S
Description  Single Color 3 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EMPG3338S Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  EMPG3338S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Page 4
2004.10.28
Single Color φ3 Round Shape Type
3338S Series
Conditions
EMBG/
MBG
EMPG/
MPG
EMPY/
MPY
EMAY/
MAY
EMAA/
MAA
EMVR/
MVR
EBR/
BR
TYP.
2.1
2.1
2.1
2.2
2.2
2.0
1.7
MAX.
2.8
2.8
2.8
2.8
2.8
2.8
2.0
Reverse Current
VR=4V
IR
MAX.
20
20
20
20
20
20
100
μA
Peak Wavelength
IF=20mA
λ
p
TYP.
555
560
570
580
605
630
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
590
606
624
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
30
nm
Half Intensity
Angle
IF=20mA 2θ1/2 TYP.
30302828
282525
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
Conditions
MPR
TYP.
2.1
MAX.
2.8
Reverse Current
VR=4V
IR
MAX.
20
μA
Peak Wavelength IF=10mA
λ
p
TYP.
700
nm
Dominant
Wavelength
IF=10mA
λ
d
TYP.
630
nm
Spectral Line Half
Width
IF=10mA
⊿λ
TYP.
100
nm
Half Intensity
Angle
IF=10mA 2θ1/2 TYP.
29
deg.
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
(Ta=25℃)
Electro-Optical Characteristics (EMBG/MBG,EMPG/MPG,EMPY/MPY,EMAY/MAY,EMAA/MAA,EMVR/MVR,EBR/BR) (Ta=25℃)
Electro-Optical Characteristics(MPR)


Similar Part No. - EMPG3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EMPG/MPG3338S STANLEY-EMPG/MPG3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
More results

Similar Description - EMPG3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
KR3308S STANLEY-KR3308S Datasheet
183Kb / 12P
   Single Color ?3 Round Shape Type
3338S STANLEY-3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
KR3302X STANLEY-KR3302X Datasheet
182Kb / 12P
   Single Color ?3 Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com