Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMPG3338S Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # EMPG3338S
Description  Single Color 3 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EMPG3338S Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  EMPG3338S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. EMPG3338S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Page 3
Absolute Maximum Ratings
2004.10.28
Single Color φ3 Round Shape Type
3338S Series
1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)
EMBG/
MBG
EMPG/
MPG
EMPY/
MPY
EMAY/
MAY
EMAA/
MAA
EMVR/
MVR
EBR/
BR
MPR
Power Dissipation
Pd
70
70
85
85
70
75
100
75
mW
Forward Current
IF
25
25
30
30
25
30
50
30
mA
Pulse Forward
Current
※ 1
IFRM
60
60
75
75
60
75
300
75
mA
Derating
(Ta=25℃ or higher)
⊿IF
0.33
0.33
0.40
0.40
0.33
0.40
0.67
0.40
mA/℃
Reverse Voltage
VR
44
44
44
44
V
Operating
Temperature
Topr
Storage Temperature
Tstg
Item
Symbol
Unit
Absolute Maximum Ratings
-30~+85
-30~+100


Similar Part No. - EMPG3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EMPG/MPG3338S STANLEY-EMPG/MPG3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
More results

Similar Description - EMPG3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
KR3308S STANLEY-KR3308S Datasheet
183Kb / 12P
   Single Color ?3 Round Shape Type
3338S STANLEY-3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
KR3302X STANLEY-KR3302X Datasheet
182Kb / 12P
   Single Color ?3 Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com