Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD14071B Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD14071B
Description  Quadruple 2-input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14071B Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD14071B Datasheet HTML 1Page - Hitachi Semiconductor HD14071B Datasheet HTML 2Page - Hitachi Semiconductor HD14071B Datasheet HTML 3Page - Hitachi Semiconductor HD14071B Datasheet HTML 4Page - Hitachi Semiconductor HD14071B Datasheet HTML 5Page - Hitachi Semiconductor HD14071B Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating


Similar Part No. - HD14071B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14070 HITACHI-HD14070 Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
HD14072B HITACHI-HD14072B Datasheet
50Kb / 4P
   Dual 4-input OR Gate
HD14073 HITACHI-HD14073 Datasheet
49Kb / 4P
   Triple 3-input AND Gate
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
More results

Similar Description - HD14071B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4071B PHILIPS-HEF4071B Datasheet
25Kb / 3P
   Quadruple 2-input OR gate
January 1995
logo
Texas Instruments
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com