Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFUE0G181XE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFUE0G181XE
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFUE0G181XE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFUE0G181XE Datasheet HTML 1Page - Panasonic Semiconductor EEFUE0G181XE Datasheet HTML 2Page - Panasonic Semiconductor EEFUE0G181XE Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-15 –
Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow condition
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
240 °C
✽3
260 °C
✽3
FD
2
68
7.3
4.3
1.1
2.0
28
EEFFD0D680R
3500
2.5
56
7.3
4.3
1.1
2.0
28
EEFFD0E560R
3500
4
39
7.3
4.3
1.1
2.0
28
EEFFD0G390R
3500
47
7.3
4.3
1.1
2.0
28
EEFFD0G470R
3500
6.3
33
7.3
4.3
1.1
2.0
28
EEFFD0J330R
3500
8
22
7.3
4.3
1.1
2.0
28
EEFFD0K220R
3500
12.5
15
7.3
4.3
1.1
1.4
40
EEFFD1B150R
3500
CD
2
100
7.3
4.3
1.8
2.5
18
EEFCD0D101ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0D101XE
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0D121ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0D121XE
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0D151ER
3500
180
7.3
4.3
1.8
2.5
18
EEFCD0D181ER
3500
220
7.3
4.3
1.8
2.5
18
EEFCD0D221ER
3500
2.5
82
7.3
4.3
1.8
2.5
18
EEFCD0E820ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0E820XE
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0E101ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0E101XE
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0E121ER
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0E151ER
3500
4
56
7.3
4.3
1.8
2.5
18
EEFCD0G560ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G560XE
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0G680ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G680XE
3500
82
7.3
4.3
1.8
2.5
18
EEFCD0G820ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G820XE
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0G101ER
3500
6.3
10
7.3
4.3
1.8
1.4
55
EEFCD0J100ER
3500
22
7.3
4.3
1.8
1.6
40
EEFCD0J220ER
3500
33
7.3
4.3
1.8
2.0
28
EEFCD0J330ER
3500
47
7.3
4.3
1.8
2.5
18
EEFCD0J470ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0J470XE
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0J680ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0J680XE
3500
8
8.2
7.3
4.3
1.8
1.4
55
EEFCD0K8R2ER
3500
15
7.3
4.3
1.8
1.6
40
EEFCD0K150ER
3500
22
7.3
4.3
1.8
2.0
28
EEFCD0K220ER
3500
33
7.3
4.3
1.8
2.5
18
EEFCD0K330ER
3500
47
7.3
4.3
1.8
1.8
25
EEFCD0K470ER
3500
10
22
7.3
4.3
1.8
1.6
30
EEFCD1A220ER
3500
33
7.3
4.3
1.8
1.8
25
EEFCD1A330ER
3500
39
7.3
4.3
1.8
1.8
25
EEFCD1A390ER
3500
12.5
4.7
7.3
4.3
1.8
1.0
80
EEFCD1B4R7R
3500
10
7.3
4.3
1.8
1.0
60
EEFCD1B100R
3500
15
7.3
4.3
1.8
1.3
50
EEFCD1B150R
3500
22
7.3
4.3
1.8
1.6
30
EEFCD1B220R
3500
16
2.2
7.3
4.3
1.8
1.0
110
EEFCD1C2R2R
3500
4.7
7.3
4.3
1.8
1.0
80
EEFCD1C4R7R
3500
6.8
7.3
4.3
1.8
1.0
70
EEFCD1C6R8R
3500
8.2
7.3
4.3
1.8
1.3
45
EEFCD1C8R2R
3500
UD
2
330
7.3
4.3
2.8
3.0
15
EEFUD0D331ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0D331XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0D331LE
2000
390
7.3
4.3
2.8
3.0
15
EEFUD0D391ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0D391LE
2000
470
7.3
4.3
2.8
3.4
9
EEFUD0D471LE
2000
2.5
220
7.3
4.3
2.8
3.0
15
EEFUD0E221ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0E221XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0E221LE
2000
270
7.3
4.3
2.8
3.0
15
EEFUD0E271ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0E271LE
2000
4
120
7.3
4.3
2.8
3.0
15
EEFUD0G121ER
2000
7.3
4.3
2.8
3.4
12
EEFUD0G121XE
2000
150
7.3
4.3
2.8
3.0
15
EEFUD0G151ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0G151XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0G151LE
2000
180
7.3
4.3
2.8
2.5
18
EEFUD0G181ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0G181LE
2000
○ : available, — : not available
01 Aug. 2014


Similar Part No. - EEFUE0G181XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFUE0G181XE PANASONIC-EEFUE0G181XE Datasheet
90Kb / 3P
   Surface Mount Type
EEFUE0G181XE PANASONIC-EEFUE0G181XE Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFUE0G181XE PANASONIC-EEFUE0G181XE Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFUE0G181XE PANASONIC-EEFUE0G181XE Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFUE0G181XE PANASONIC-EEFUE0G181XE Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFUE0G181XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com