Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAQF100O-12S Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSAQF100O-12S
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF100O-12S Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSAQF100O-12S Datasheet HTML 1Page - Wall Industries,Inc. PSAQF100O-12S Datasheet HTML 2Page - Wall Industries,Inc. PSAQF100O-12S Datasheet HTML 3Page - Wall Industries,Inc. PSAQF100O-12S Datasheet HTML 4Page - Wall Industries,Inc. PSAQF100O-12S Datasheet HTML 5Page - Wall Industries,Inc. PSAQF100O-12S Datasheet HTML 6Page - Wall Industries,Inc. PSAQF100O-12S Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev. A
PSAQF100O Series
Up to 100W, Open Frame
Single Output, PFC Function
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/19/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 7
EFFICIENCY VS LOAD
24 VDC Models
Vin vs Efficiency
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
90
115
180
230
264
Vin (VAC)
Input Voltage (V)
90
115
180
230
264
Efficiency (%)
90.53
92.06
92.44
93.15
93.13
Load vs Efficiency
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
10
20
30
40
50
60
70
80
90
100
Load (%)
Load (%)
10
20
30
40
50
115V (%)
74.99
83.78
87.43
89.22
90.44
230V (%)
65.32
79.51
85.76
88.32
90.04
Load (%)
60
70
80
90
100
115V (%)
90.99
91.43
91.72
91.89
91.90
230V (%)
91.08
91.776
92.23
92.64
92.85
48 VDC Models
Vin vs Efficiency
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
90
115
180
230
264
Vin (VAC)
Input Voltage (V)
90
115
180
230
264
Efficiency (%)
90.27
91.64
92.81
93.03
93.35
Load vs Efficiency
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
10
20
30
40
50
60
70
80
90
100
Load (%)
Load (%)
10
20
30
40
50
115V (%)
73.93
83.86
87.18
89.22
90.34
230V (%)
66.76
79.70
84.80
87.75
89.62
Load (%)
60
70
80
90
100
115V (%)
90.82
91.28
91.53
91.64
91.64
230V (%)
90.77
91.47
92.09
92.49
92.83


Similar Part No. - PSAQF100O-12S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-12S WALL-PSAQF120O-12S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-15S WALL-PSAQF120O-15S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-24S WALL-PSAQF120O-24S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-3.3S WALL-PSAQF120O-3.3S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF100O-12S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com