Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130244-0202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130244-0202
Description  SolarSpec??DC Pin Male Housing, 4.00 to 6.00mm2 (10-12 AWG) Cable, Bulk Packaging, Cable Opening 8.40mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130244-0202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130244-0202 Datasheet HTML 1Page - Molex Electronics Ltd. 130244-0202 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130244-0202
Status:
Active
Overview:
SolarSpec™ Cable Assemblies
Description:
SolarSpec™ DC Pin Male Housing, 4.00 to 6.00mm2 (10-12 AWG) Cable, Bulk
Packaging, Cable Opening 8.40mm
Documents:
Drawing (PDF)
Application Specification AS-130244-001 (PDF)
Product Specification PS-130244-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
130244
Application
Power, Wire-to-Wire
Application Tooling Part Link
130203-1250
Comments
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
Spec (TCS)
MolexKits
Yes
Overview
SolarSpec™ Cable Assemblies
Product Name
SolarSpec™
UPC
884982278233
Physical
Circuits (maximum)
1
Color - Resin
Black
Gender
Pin
Glow-Wire Compliant
No
Material - Resin
Polycarbonate
Net Weight
9.397/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
N/A
Ports
1
Temperature Range - Operating
-40°C to +80°C
Electrical
Current - Maximum per Contact
30A
Material Info
Reference - Drawing Numbers
Application Specification
AS-130244-001
Product Specification
PS-130244-001
Sales Drawing
SD-130244-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130244Series
Mates With
130244-0201 , 130244-0203
Use With
PV Solar DC Connector Unlock Tool
130203-1250
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
PV Solar DC
Connector Unlock
Tool
1302031250
This document was generated on 10/03/2014


Similar Part No. - 130244-0202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130244-0202 MOLEX-130244-0202 Datasheet
164Kb / 1P
   PIN ASSEMBLY, PV SOLAR DC CONNECTOR, 14-10 AWG
More results

Similar Description - 130244-0202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130244-0201 MOLEX11-130244-0201 Datasheet
55Kb / 2P
   SolarSpec??DC Socket Female Housing, 4.00 to 6.00mm2 (10-12 AWG) Cable, Bulk packaging, Cable Opening 8.40mm
130244-1202 MOLEX11-130244-1202 Datasheet
59Kb / 2P
   SolarSpec Pin Male Housing Kit, 5 pieces, includes Pin Contact, 4.00 to 6.00mm2 (10-12 AWG) Cable, Cable Opening 8.40mm
130244-1201 MOLEX11-130244-1201 Datasheet
55Kb / 2P
   SolarSpec??DC Socket Female Housing Kit, 5 pieces, includes Socket Contact, 4.00 to 6.00mm2 (10-12 AWG) Cable, Cable Opening 8.40mm
130244-0204 MOLEX11-130244-0204 Datasheet
58Kb / 2P
   SolarSpec??DC Pin Male Housing, 2.50mm2 (14 AWG) Cable, Bulk Packaging, Cable Opening 7.00mm
130244-0203 MOLEX11-130244-0203 Datasheet
55Kb / 2P
   SolarSpec??DC Socket Female Housing, 2.50mm2 (14 AWG) Cable, Bulk Packaging, Cable Opening 7.00mm
130244-1204 MOLEX11-130244-1204 Datasheet
59Kb / 2P
   SolarSpec Pin Male Housing Kit, includes Pin Contact, 2.50mm2 (14 AWG) Cable Cable Opening 7.00mm
130244-1203 MOLEX11-130244-1203 Datasheet
55Kb / 2P
   SolarSpec Socket Female Housing Kit, includes Socket Contact, 2.50mm2 (14 AWG) Cable, Cable Opening 7.00mm
93301-0201 MOLEX11-93301-0201 Datasheet
46Kb / 1P
   SolarSpec??DC Panel-Mount Pin Male Housing
93301-0101 MOLEX11-93301-0101 Datasheet
53Kb / 1P
   SolarSpec??DC Panel-Mount Socket Female Housing
logo
Pasternack Enterprises,...
PE3C3275-12 PASTERNACK-PE3C3275-12 Datasheet
364Kb / 4P
   10-32 Male to BNC Male Cable 12 InchLength Using RG174 Coax
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com