Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7261SG-TR Datasheet(PDF) 7 Page - Rohm

Part # BU7261SG-TR
Description  Input/Output Full Swing Input/Output Full Swing
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7261SG-TR Datasheet(HTML) 7 Page - Rohm

Back Button BU7261SG-TR Datasheet HTML 3Page - Rohm BU7261SG-TR Datasheet HTML 4Page - Rohm BU7261SG-TR Datasheet HTML 5Page - Rohm BU7261SG-TR Datasheet HTML 6Page - Rohm BU7261SG-TR Datasheet HTML 7Page - Rohm BU7261SG-TR Datasheet HTML 8Page - Rohm BU7261SG-TR Datasheet HTML 9Page - Rohm BU7261SG-TR Datasheet HTML 10Page - Rohm BU7261SG-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
7/43
18.Apr.2014 Rev.003
TSZ22111・15・001
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
Electrical Characteristics - continued
○BU7262xxx, BU7262Sxxx (Unless otherwise specified VDD=+3V, VSS=0V, TA=25℃)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 22, 23)
VIO
25℃
-
1
9
mV
VDD=1.8 to 5.5V
Full range
-
-
10
Input Offset Current
(Note 22)
IIO
25℃
-
1
-
pA
-
Input Bias Current
(Note 22)
IB
25℃
-
1
-
pA
-
Supply Current
(Note 23)
IDD
25℃
-
550
1100
μA
RL=∞, All Op-Amps
AV=0dB, IN+=1.5V
Full range
-
-
1200
Maximum Output Voltage(High)
VOH
25℃
VDD-0.1
-
-
V
RL=10kΩ
Maximum Output Voltage(Low)
VOL
25℃
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25℃
70
95
-
dB
RL=10kΩ
Input Common-mode Voltage Range
VICM
25℃
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(Note 24)
ISOURCE
25℃
4
10
-
mA
OUT=VDD-0.4V
Output Sink Current
(Note 24)
ISINK
25℃
5
12
-
mA
OUT=VSS+0.4V
Slew Rate
SR
25℃
-
1.1
-
V/
μs CL=25pF
Gain Bandwidth
GBW
25℃
-
2
-
MHz
CL=25pF, AV=40dB
Phase Margin
θ
25℃
-
50
-
deg
CL=25pF, AV=40dB
Total Harmonic Distortion + Noise
THD+N
25℃
-
0.05
-
%
OUT=0.8VP-P,
f=1kHz
Channel Separation
CS
25℃
-
100
-
dB
AV=40dB, OUT=1Vrms
(Note 22)
Absolute value
(Note 23)
Full range:
BU7262: TA=-40℃ to +85℃
BU7262S: TA=-40℃ to +105℃
(Note 24)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7261SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7261SG-TR ROHM-BU7261SG-TR Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7261SG-TR ROHM-BU7261SG-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7261SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
BU5265HFV ROHM-BU5265HFV Datasheet
477Kb / 20P
   Input Full Swing, Push-pull Output CMOS Comparators
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com