Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF15 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MGF15
Description  Compact and general use type Isolated type DC-DC converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGF15 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MGF15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 4Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 5Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 6Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 7Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 8Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 9Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 10Page - List of Unclassifed Manufacturers MGF15 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6
MGS30
External view
GENERAL SPECIFICATIONS
ISOLATION
INPUT-OUTPUT
DC1,500V 1minute, Cutoff current = 10mA, DC500V 1,000M
W min (20±15C)
INPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000M
W min (20±15C)
OUTPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000M
W min (20±15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-40 to +85
C, 20 to 95%RH (Non condensing) (Required Derating), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-40 to +100
C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1
OTHERS
CASE SIZE/WEIGHT
25.4
X9.9X50.8mm (WXHXD) / 40g max
COOLING METHOD
Convection/Forced air
*1
MGW30xx05/MGW30xx12/MGW30xx15 is available as single output, +10V/+24V/+30V
*2
Rated input 12V, 24V or 48V DC lo=100%
*3
Ripple and Ripple Noise is measured by using test board with in 50mm from output pin terminals.
*4
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25
C.
*5
Rated input voltage (DC12V, DC24V, DC48V), rated output wattage, ambient temperature at 25
C.
*
Parallel operation with other model is not possible.
(TOP VIEW)
Recommended Pad and Hole dia.
¶ Tolerance ±0.5
¶ Dimensions in mm
¶ Pin terminal material : Copper
¶ Plating treatment of terminal : Lead free plating
¶ Case material : Brass
¶ Plating treatment of case : Nickel plating
¶ Please keep enough creepage distance with the
pattern on PCB and other components.
¶ Mass 40g or less
1 ±0.1
f
6-
f1.5
Name Plate
+Vout
TRM
-Vout
+Vin
-Vin
RC
45.72
50.8
Unit : 0.1inch
Dimension : mm


Similar Part No. - MGF15

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGF15 COSEL-MGF15 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
More results

Similar Description - MGF15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG15 ETC2-MG15 Datasheet
960Kb / 3P
   Compact and general use type Isolated type DC-DC converter
logo
Isahaya Electronics Cor...
VLA106-15051 ISAHAYA-VLA106-15051 Datasheet
134Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-15154 ISAHAYA-VLA106-15154 Datasheet
104Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-24123 ISAHAYA-VLA106-24123 Datasheet
105Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA301-122R ISAHAYA-VLA301-122R Datasheet
126Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA307-02R ISAHAYA-VLA307-02R Datasheet
154Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA308-01AR ISAHAYA-VLA308-01AR Datasheet
512Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA129-2400GTR ISAHAYA-VLA129-2400GTR Datasheet
262Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA313L-2450A ISAHAYA-VLA313L-2450A Datasheet
566Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-24154 ISAHAYA-VLA106-24154 Datasheet
122Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com