Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW60H65DF
Description  60 A, 650 V field stop trench gate IGBT with very fast diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW60H65DF Datasheet HTML 3Page - STMicroelectronics STGW60H65DF Datasheet HTML 4Page - STMicroelectronics STGW60H65DF Datasheet HTML 5Page - STMicroelectronics STGW60H65DF Datasheet HTML 6Page - STMicroelectronics STGW60H65DF Datasheet HTML 7Page - STMicroelectronics STGW60H65DF Datasheet HTML 8Page - STMicroelectronics STGW60H65DF Datasheet HTML 9Page - STMicroelectronics STGW60H65DF Datasheet HTML 10Page - STMicroelectronics STGW60H65DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STGW60H65DF
Electrical characteristics
Doc ID 023011 Rev 4
7/13
Figure 14.
Turn-OFF SOA
Figure 15.
Short circuit time & current vs. VGE
Figure 16.
Diode forward current vs. forward
voltage
Figure 17.
Diode forward current vs. junction
temperature
Figure 18.
Reverse recovery current as a
function of diode current slope
Figure 19.
Reverse recovery time as a function
of diode current slope
AM11859v1
0.01
0.1
1
10
100
0.1
1
10
100
IC (A)
VCE (V)
VGE = 15 V, RG = 10Ω
TC = 150 °C
AM11860v1
50
150
250
350
2.5
5
7.5
10
12.5
15
17.5
20
9
101112131415
ISC (A)
tsc (μs)
VGE (V)
VCC= 400V, TC = 25°C
tSC
ISC
AM12731v1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
10
15
20
25
30
354045505560
VF (V)
IF (A)
Tj =- 40°C
Tj = 25°C
Tj = 150°C
AM12732v1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
125
150
VF (V)
TJ (ºC)
IF = 15 A
IF = 30 A
IF = 60 A
AM12733v1
10
15
20
25
30
35
250
750
1250
1750
Irm (A)
di/dt (A/μs)
VCC= 400 V, VGE= 15 V, IC = 60 A
TJ = 25 °C
TJ = 125 °C ---
AM12734v1
40
50
60
70
80
90
100
110
120
250
750
1250
1750
trr (ns)
di/dt (A/μs)
VCC = 400 V, VGE = 15 V, IC = 60 A
TJ= 25°C
TJ= 125°C
---


Similar Part No. - STGW60H65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
   Low thermal resistance
April 2015 Rev 7
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results

Similar Description - STGW60H65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
   60 A, 650 V field stop trench gate IGBT
January 2013
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
   60 A, 650 V field stop trench gate IGBT
STGW60H65DRF STMICROELECTRONICS-STGW60H65DRF Datasheet
2Mb / 13P
   60 A, 650 V field stop trench gate IGBT with Ultrafast diode
April 2013 Rev 6
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
   650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
logo
ON Semiconductor
FGH60T65SHD ONSEMI-FGH60T65SHD Datasheet
677Kb / 9P
   IGBT - Field Stop, Trench 650 V, 60 A
December, 2020 ??Rev. 3
FGH60T65SQD-F155 ONSEMI-FGH60T65SQD-F155 Datasheet
560Kb / 10P
   IGBT - Field Stop, Trench 650 V, 60 A
November, 2019 ??Rev. 3
AFGY120T65SPD ONSEMI-AFGY120T65SPD Datasheet
254Kb / 9P
   Field Stop Trench IGBT with Soft Fast Recovery Diode 120A, 650V
July, 2020 ??Rev. 0
AFGY100T65SPD ONSEMI-AFGY100T65SPD Datasheet
252Kb / 9P
   Field Stop Trench IGBT with Soft Fast Recovery Diode 100A, 650V
July, 2020 ??Rev. 0
logo
STMicroelectronics
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com