Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD155101BF Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD155101BF
Description  RF Single-chip Linear IC for GSM and EGSM Systems
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD155101BF Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD155101BF Datasheet HTML 6Page - Hitachi Semiconductor HD155101BF Datasheet HTML 7Page - Hitachi Semiconductor HD155101BF Datasheet HTML 8Page - Hitachi Semiconductor HD155101BF Datasheet HTML 9Page - Hitachi Semiconductor HD155101BF Datasheet HTML 10Page - Hitachi Semiconductor HD155101BF Datasheet HTML 11Page - Hitachi Semiconductor HD155101BF Datasheet HTML 12Page - Hitachi Semiconductor HD155101BF Datasheet HTML 13Page - Hitachi Semiconductor HD155101BF Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
HD155101BF
10
3
RFOUT
Poutput
Pinput
6
RFIN
4
Vcc
VCCLNA
5
GNDLNA
LNA
bias
circuit
LNA
Vref
Figure 1 LNA Bias Circuit
Transmitter Operation
The transmitter chain converts differential IQ baseband signals to a suitable format for transmission by a
power amplifier.
The common mode DC voltage range of the modulator inputs is 0.8 to 1.2 V and they have 2.4 Vp-p Max
differential swing. The modulator circuit uses double-balanced mixers for the I and Q paths. The LO
signals are generated by dividing the IFLO signal by 2 and then passing them through a phase splitter /
shifter. The IF signals generated are then summed and produce a single modulated IF signal which is
amplified and fed into the offset PLL block. Carrier suppression due to the mixer circuit is better than 31
dBc. However, if the common mode DC voltage of the I and Q inputs is adjusted, carrier suppression can
be improved better than 40 dBc easily. In addition, upper side-band suppression is better than 35 dBc.
Within the offset PLL block there is a down converter, a phase comparator and a VCO driver. The down
converter mixes the 1st LO signal and the TX VCO to create a reference LO signal for use in the offset
PLL circuit. The phase comparator and the VCO driver generate an error current, which is proportional to
the phase difference between the reference IF and the modulated IF signals. This current is used in a 2nd
order loop filter to generate a voltage, which in turn modulates the TX VCO. In order to optimize the PLL
loop gain, the error current value can be modified by changing the value of an external resistor - ICURAD.
In order to accommodate a range of TX VCO, the offset PLL circuit has been designed to operate with a
supply voltage of up to 5.25 V.
Operating Modes
The HD155101BF has the necessary control circuitry to implement the necessary states within the GSM
system. Also provided is a power save mode which reduces the current consumption of the device by
powering down unnecessary function blocks. Three pins are assigned for mode control, POONRX1,
POONRX2 and POONTX. Table 1 shows the relationship between the pins and the required operating
mode. Control of these pins are by the system controller.
As per GSM requirements the TX and RX sections are not on at the same time. For the receiver there is a
calibration mode for which the LNA bias circuit and 1st mixer are switched off. During this period the
gain of the AGC can be adjusted.
Also the DC offsets of the IQ demodulator are measured and
subsequently canceled.
In order to change between the RX and TX modes a state called “warm-up” is used to ensure that the LO
signals are not unduly affected. This method of switching between TX and RX ensures that lock is
achieved first time.


Similar Part No. - HD155101BF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155111F HITACHI-HD155111F Datasheet
473Kb / 44P
   RF Single-chip Linear IC for PCN Cellular Systems
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
More results

Similar Description - HD155101BF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155111F HITACHI-HD155111F Datasheet
473Kb / 44P
   RF Single-chip Linear IC for PCN Cellular Systems
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
logo
Infineon Technologies A...
PMB6270 INFINEON-PMB6270 Datasheet
196Kb / 2P
   SMARTi SD GSM / GPRS Single Chip RF IC
2004
logo
Transko Electronics, In...
TF-9121-ND TRANSKO-TF-9121-ND Datasheet
335Kb / 3P
   Low-loss RF SAW filter for EGSM mobile systems
TF-8050-ND TRANSKO-TF-8050-ND Datasheet
349Kb / 3P
   Low-loss RF SAW filter for EGSM mobile systems
TF-9145-ND TRANSKO-TF-9145-ND Datasheet
331Kb / 3P
   Low-loss RF SAW filter for EGSM mobile systems
logo
Infineon Technologies A...
PMB7850 INFINEON-PMB7850 Datasheet
221Kb / 2P
   E -GOLD V3 GSM / GPRS Single Chip Baseb and IC
2004-01-01
logo
Toshiba Semiconductor
TC32306FTG TOSHIBA-TC32306FTG Datasheet
1Mb / 102P
   Single-Chip RF Transceiver for Low-Power Systems
2015-10-01
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
TEMIC Semiconductors
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com