Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE32400 Datasheet(PDF) 3 Page - NEC

Part # NE32400
Description  C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE32400 Datasheet(HTML) 3 Page - NEC

  NE32400 Datasheet HTML 1Page - NEC NE32400 Datasheet HTML 2Page - NEC NE32400 Datasheet HTML 3Page - NEC NE32400 Datasheet HTML 4Page - NEC NE32400 Datasheet HTML 5Page - NEC NE32400 Datasheet HTML 6Page - NEC NE32400 Datasheet HTML 7Page - NEC NE32400 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NE32400, NE24200
3
Gain Calculations
MSG.
=
||
||
S
S
21
12
K
1
|
|
| S
|
| S
|
2|S
|| S
|
2
11
2
22
2
12
21
=
+−
MAG.
|S
|
|S
|
(K
K
1)
21
12
2
∆ =⋅
SS
S
S
11
22
21
12
50
40
30
20
10
–1.0
0
VGS – Gate to Source Voltage – V
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
–2.0
0
VDS = 2 V
MAXIMUM AVAILABLE GAIN, FORWARD
INSERTION GAIN vs. FREQUENCY
VDS = 2.0 V
ID = 10 mA
24
20
16
12
8
40
f – Frequency – GHz
4
30
20
10
8
6
4
2
1
MSG.
|S21s|2
5
4
3
2
1
30
f – Frenquency – GHz
NOISE FIGURE ASSOCIATED vs.
FREQUENCY
0
20
14
10
8
6
4
2
1
24
20
15
12
8
4
Ga
NF
3
2
1
100
IDS/IDSS – Ratio of Drain Current to Zero-Gate Voltage Current – %
NOISE FIGURE, ASSOCIATED GAIN vs. RATIO
OF DRAIN CURRENT TO ZERO-GATE
VOLTAGE CURRENT
0
60
40
20
8
6
4
2
1
5
0
VDS = 2 V
ID = 10 mA
10
15
NF
Ga
VDS = 2 V
f = 12 GHz


Similar Part No. - NE32400

ManufacturerPart #DatasheetDescription
logo
NEC
NE32400 NEC-NE32400 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

Similar Description - NE32400

ManufacturerPart #DatasheetDescription
logo
NEC
NE32500 NEC-NE32500 Datasheet
39Kb / 8P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE32500 CEL-NE32500 Datasheet
87Kb / 3P
   C TO KA BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET CHIP
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com