Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G510257 Datasheet(PDF) 1 Page - E-SWITCH

Part # G510257
Description  ALL DIMENSIONS IN MM[INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

G510257 Datasheet(HTML) 1 Page - E-SWITCH

  G510257 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETERIC
ISOMETERIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KC10B7.002NPS
1.5:1
12/20/2005
G510257
A
PH
1
1
A
1 2 3 4 5 6 7 8 9101112
CONTACT CONFIGURATION
TIMING (BBM) NON-SHORTING
1
2
3
4
5
6
7
8
9
10
11
12
A
P.C. MOUNTING
8.00
[.315 in]
14.20
[.559 in]
2.00
[.079 in]
7.00
[.276 in]
2.00
[.079 in]
15.90
[.626 in]
3.70
[.146 in]
n26.00
[1.024 in]
NOTE:
1. ALL DIMENSIONS IN MM[INCH].
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT MATERIAL: SILVER
5. CONTACT RATING: 0.3A 125VAC
6. OPERATING FORCE 800
`300CM/STANDARD
7. OPERATING TEMP: -30
~C TO 85~C
8. CIRCUIT SP: 12 POSITION 30
~ INDEX (NO-STOPS)
9. DIELECTRIC STRENGTH: 500VAC FOR 1 MIN..
10. HARDWARE SUPPLIED ON SWITCH:
LOCKWASHER, HEXNUT, STOPRING
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
HARDWARE SUPPIED
ON SWITCH
A
15619
RELEASED FOR PRODUCTION
12/20/05
PH
M10X0.75
THREADS
30.0°
n1.40
[.055 in]
n22.00
[.866 in]
n8.00
[.315 in]
30.0°
6.00
[.236 in]
n


Similar Part No. - G510257

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510250 E-SWITCH-G510250 Datasheet
172Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510251 E-SWITCH-G510251 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510252 E-SWITCH-G510252 Datasheet
28Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510253 E-SWITCH-G510253 Datasheet
67Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510254 E-SWITCH-G510254 Datasheet
261Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

Similar Description - G510257

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com