Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC126 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74AC126
Description  Quad Buffer/Line Driver with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC126 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74AC126 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC126 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating


Similar Part No. - HD74AC126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC126 RENESAS-HD74AC126 Datasheet
188Kb / 7P
   Quad Buffer/Line Driver with 3-State Output
HD74AC126FPEL RENESAS-HD74AC126FPEL Datasheet
188Kb / 7P
   Quad Buffer/Line Driver with 3-State Output
HD74AC126RPEL RENESAS-HD74AC126RPEL Datasheet
188Kb / 7P
   Quad Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74AC126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC125 RENESAS-HD74AC125 Datasheet
132Kb / 9P
   Quad Buffer/Line Driver with 3-State Output
HD74AC126 RENESAS-HD74AC126 Datasheet
188Kb / 7P
   Quad Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC125 HITACHI-HD74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com