Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP62T03GH Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP62T03GH
Description  Lower Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP62T03GH Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP62T03GH_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP62T03GH_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP62T03GH_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP62T03GH_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP62T03GH/J
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
20
40
60
80
100
120
0123456
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
20
40
60
80
100
0123
45678
V DS , Drain-to-Source Voltage (V)
T C = 175
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
5
15
25
35
246
8
10
V GS , Gate-to-Source Voltage (V)
I D =15 A
T C =25
o C
0.6
0.8
1.0
1.2
1.4
1.6
-50
25
100
175
T j , Junction Temperature (
o C)
I D =20 A
V G =10V
0
4
8
12
16
0
0.4
0.8
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =175
o C
0.4
0.6
0.8
1
1.2
1.4
-50
25
100
175
T j , Junction Temperature (
o C)


Similar Part No. - AP62T03GH_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP62T03GH-HF A-POWER-AP62T03GH-HF Datasheet
107Kb / 5P
   Fast Switching Characteristic
AP62T03GH-J A-POWER-AP62T03GH-J Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results

Similar Description - AP62T03GH_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30T03GH-HF A-POWER-AP30T03GH-HF Datasheet
99Kb / 4P
   Lower Gate Charge Lower Gate Charge
AP4434GM-HF A-POWER-AP4434GM-HF_14 Datasheet
98Kb / 4P
   Lower Gate Charge
AP2302N-HF A-POWER-AP2302N-HF_14 Datasheet
92Kb / 4P
   Lower Gate Charge
AP4434AGH-HF A-POWER-AP4434AGH-HF_14 Datasheet
65Kb / 4P
   Lower Gate Charge
AP4434AGM-HF A-POWER-AP4434AGM-HF_14 Datasheet
100Kb / 4P
   Lower Gate Charge
AP9452GG-HF A-POWER-AP9452GG-HF_14 Datasheet
96Kb / 5P
   Lower gate charge
AP6970GN2-HF A-POWER-AP6970GN2-HF_14 Datasheet
107Kb / 4P
   Lower Gate Charge
AP62T03GJ A-POWER-AP62T03GJ_14 Datasheet
105Kb / 4P
   Lower Gate Charge
AP1332GEU-HF A-POWER-AP1332GEU-HF_14 Datasheet
61Kb / 4P
   Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF_14 Datasheet
81Kb / 4P
   Lower Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com