Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE27200 Datasheet(PDF) 5 Page - NEC

Part # NE27200
Description  C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE27200 Datasheet(HTML) 5 Page - NEC

  NE27200 Datasheet HTML 1Page - NEC NE27200 Datasheet HTML 2Page - NEC NE27200 Datasheet HTML 3Page - NEC NE27200 Datasheet HTML 4Page - NEC NE27200 Datasheet HTML 5Page - NEC NE27200 Datasheet HTML 6Page - NEC NE27200 Datasheet HTML 7Page - NEC NE27200 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NE32500, NE27200
5
CHIP HANDLING
DIE ATTACHMENT
Die attach operation can be accomplished with Au-Sn (within a 300 ˚C – 10 s) performs in a forming gas
environment.
Epoxy die attach is not recommend.
BONDING
Bonding wires should be minimum length, semi hard gold wire (3-8 % elongation) 20 microns in diameter.
Bonding should be performed with a wedge tip that has a taper of approximately 15 %. Bonding time should be
kept to minimum.
As a general rule, the bonding operation should be kept within a 280 ˚C, 2 minutes for all bonding wires.
If longer periods are required, the temperature should be lowered.
PRECAUTIONS
The user must operate in a clean, dry environment. The chip channel is glassivated for mechanical protection only
and does not preclude the necessity of a clean environment.
The bonding equipment should be periodically checked for sources of surge voltage and should be properly
grounded at all times. In fact, all test and handling equipment should be grounded to minimize the possibilities of static
discharge.
Avoid high static voltage and electric fields, because this device is Hetero Junction field effect transistor with shottky
barrier gate.
CAUTION
The Great Care must be taken in dealing with the devices in this guide.
The reason is that the material of the devices is GaAs (Gallium Arsenide), which is
designated as harmful substance according to the law concerned.
Keep the law concerned and so on, especially in case of removal.


Similar Part No. - NE27200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE27200 RENESAS-NE27200 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - NE27200

ManufacturerPart #DatasheetDescription
logo
NEC
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE32400 NEC-NE32400 Datasheet
85Kb / 8P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE32500 CEL-NE32500 Datasheet
87Kb / 3P
   C TO KA BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET CHIP
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com