Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595DG Datasheet(PDF) 8 Page - ON Semiconductor

Part # 74HC595DG
Description  8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC595DG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 74HC595DG Datasheet HTML 4Page - ON Semiconductor 74HC595DG Datasheet HTML 5Page - ON Semiconductor 74HC595DG Datasheet HTML 6Page - ON Semiconductor 74HC595DG Datasheet HTML 7Page - ON Semiconductor 74HC595DG Datasheet HTML 8Page - ON Semiconductor 74HC595DG Datasheet HTML 9Page - ON Semiconductor 74HC595DG Datasheet HTML 10Page - ON Semiconductor 74HC595DG Datasheet HTML 11Page - ON Semiconductor 74HC595DG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74HC595
http://onsemi.com
8
SWITCHING WAVEFORMS
SERIAL
INPUT A
50%
50%
SWITCH
CLOCK
VCC
GND
VALID
tsu
th
Figure 5.
SHIFT
CLOCK
OUTPUT
SQH
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
1/fmax
RESET
OUTPUT
SQH
SHIFT
CLOCK
tw
50%
50%
50%
VCC
GND
VCC
GND
tPHL
trec
tsu
50%
50%
VCC
GND
LATCH
CLOCK
QA−QH
OUTPUTS
50%
tPLH
tPHL
tTLH
tTHL
90%
50%
10%
VCC
GND
VCC
GND
SHIFT
CLOCK
LATCH
CLOCK
Figure 3.
VCC
GND
tw
Figure 1.
Figure 2.
Figure 4.
Figure 6.
OUTPUT Q
OUTPUT Q
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
OUTPUT
ENABLE
50%
TEST CIRCUITS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
Figure 7.
Figure 8.


Similar Part No. - 74HC595DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC595D PHILIPS-74HC595D Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
More results

Similar Description - 74HC595DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
   8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HCT595ADG ONSEMI-MC74HCT595ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com