Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECNR5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECNR5
Description  Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECNR5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECNR5 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECNR5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECNR
Class RK5 250Vac, 1 to 60A
Dual-Element, Time-Delay Fuses
Form No. ECNR 1-60
Page 2 of 2
Data Sheet #1315
0509
BU-SB08624
Current Limitation Curves
Time-Current Characteristic Curves–
Average Melt
Time-Current Characteristic Curves–
Average Melt
The only controlled copy of this document is the electronic read-only version maintained by Cooper Bussmann. All other copies of this document are by
definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end
user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to
discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
8 10 15
30
60
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Number
Fuse Clips
(Case) Size
(Pairs) 250V
60A
30A
No. 263-R
100A
30A
No. 213-R
60A
No. 216-R
200A
60A
No. 226-R


Similar Part No. - ECNR5

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECN-20-30.000M-GA ECLIPTEK-ECN-20-30.000M-GA Datasheet
109Kb / 3P
   CRYSTAL
ECN-20-30.000M-GTR ECLIPTEK-ECN-20-30.000M-GTR Datasheet
109Kb / 3P
   CRYSTAL
ECN-20-30.000M-I2A ECLIPTEK-ECN-20-30.000M-I2A Datasheet
109Kb / 3P
   CRYSTAL
ECN-20-30.000M-I2TR ECLIPTEK-ECN-20-30.000M-I2TR Datasheet
109Kb / 3P
   CRYSTAL
ECN-20-30.000M-L2A ECLIPTEK-ECN-20-30.000M-L2A Datasheet
109Kb / 3P
   CRYSTAL
More results

Similar Description - ECNR5

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
   Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
   Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
   Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
   Class RK5, Dual-element, Time Delay
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
   FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
   Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
   Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com