Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-315J-500E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-315J-500E
Description  0.6A maximum peak output current 0.5 A minimum peak output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-315J-500E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-315J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
(V
CC
- V
EE
)
15
30
Volts
Input Current (ON)
I
F(ON)
7
16
mA
Input Voltage (OFF)
V
F(OFF)
-3.6
0.8
V
Operating Temperature
T
A
-40
100
°C
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
100
°C
Average Input Current
I
F(AVG)
25
mA
1, 16
Peak Transient Input Current
I
F(TRAN)
1.0
A
(<1 μs pulse width, 300 pps)
Reverse Input Voltage
V
R
5
Volts
“High” Peak Output Current
I
OH(PEAK)
0.6
A
2, 16
“Low” Peak Output Current
I
OL(PEAK)
0.6
A
2, 16
Supply Voltage
(V
CC
- V
EE
)
0
35
Volts
Output Voltage
V
O(PEAK)
0
V
CC
Volts
Output Power Dissipation
P
O
250
mW
3, 16
Total Power Dissipation
P
T
295
mW
4, 16
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings Section
Insulation and Safety Related Specifications
Parameter Symbol
HCPL-3150
HCPL-315J
Units
Conditions
Minimum External
L(101)
7.1
8.3
mm
Measured from input terminals
Air Gap
to output terminals, shortest
(External Clearance)
distance through air.
Minimum External
L(102)
7.4
8.3
mm
Measured from input terminals
Tracking
to output erminals, shortest
(External Creepage)
distance path along body.
Minimum Internal
0.08
≥0.5
mm
Through insulation distance
Plastic Gap
conductor to conductor.
(Internal Clearance)
Tracking Resistance
CTI
≥175
≥175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110,
1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance wtih CECC 00802.


Similar Part No. - HCPL-315J-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J-500 HP-HCPL-315J-500 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-315J-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com