Electronic Components Datasheet Search |
|
HSR312L Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
HSR312L Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 10 page ©2005 Fairchild Semiconductor Corporation www.fairchildsemi.com HSR312, HSR312L, HSR412, HSR412L Rev. 1.1.3 3 Electrical Characteristics (T A = -40°C to +85°C unless otherwise specified) Input Characteristics Output Characteristics Isolation Characteristics Symbol Parameters/ Test Conditions Connection Limit HSR312 HSR312L HSR412 HSR412L Units IF(ON) Control Current Series or Parallel Max. 2.0 2.0 3.0 3.0 mA IF(OFF) Control Current for Off-State Resistance (TA = 25°C) Series or Parallel Min. 0.4 0.4 0.4 0.4 mA IF Control Current Range Series or Parallel Min. 2.0 2.0 3.0 3.0 mA Max. 25 25 25 25 VR Reverse Voltage Series or Parallel Min. 7 7 7 7 V VF Forward Voltage (IF = 10mA) Series or Parallel Max. 1.6 1.6 1.6 1.6 V Symbol Parameters/ Test Conditions Connection Limit HSR312 HSR312L HSR412 HSR412L Units VOPR Operating Voltage Range Series or Parallel Max. 250 250 400 400 VDC or VAC(PEAK) IL Load Current TA = +40°C, 5mA control (see Fig. 1 & 2) Series Max. 190 170 140 120 mA Parallel Max. 320 300 210 200 RON On-State Resistance TA = 25°C, 50mA pulsed load, 5mA control Series Max. 10 15 27 35 Ω Parallel Max. 3 4.25 7 9 Off-State Leakage Current TA = 25°C, ±250V for HSR312/L, ±400V for HSR412/L Series or Parallel Max. 1.0 1.0 1.0 1.0 µA ILMT Current Limit TA = +25°C, 5mA control Series Min. N/A 190 N/A 130 mA Max. N/A 300 N/A 220 Parallel Min. N/A 330 N/A 260 Max. N/A 560 N/A 440 TON Turn-On Time TA = +25°C for 50mA, 100VDC load, 5mA control Series or Parallel Max. 3.0 3.0 2.0 2.0 mS TOFF Turn-Off Time TA = +25°C for 50mA, 100VDC load, 5mA control Series or Parallel Max. 0.5 0.5 0.5 0.5 mS Thermal Offset Voltage 5mA control Series or Parallel Max. N/A N/A 0.5 0.5 mV CO Output Capacitance 50VDC Series Max. 50 50 12 12 pF Symbol Characteristics Test Conditions Limit HSR312 HSR312L HSR412 HSR412L Units VISO Input-Output Isolation Voltage II-O ≤ 2 µA Max 4000 4000 4000 4000 V |
Similar Part No. - HSR312L |
|
Similar Description - HSR312L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |