Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7801 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV7801
Description  High Side Current Monitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7801 Datasheet(HTML) 3 Page - Supertex, Inc

  HV7801 Datasheet HTML 1Page - Supertex, Inc HV7801 Datasheet HTML 2Page - Supertex, Inc HV7801 Datasheet HTML 3Page - Supertex, Inc HV7801 Datasheet HTML 4Page - Supertex, Inc HV7801 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
HV7801
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Block Diagram
Application Information
General
The HV7801 high side current monitor IC features accurate
current sensing, small size, low component count, low power
consumption, exceptional input voltage range, ease of use
and low cost.
Typical use is measurement of line or load current for purpose
of overcurrent protection, metering and current regulation.
High side current sensing, as opposed to ground referenced
or low side current sensing, is desirable or required when:
The current to be measured does not flow in a circuit
associated with ground.
The measurement at ground level can lead to ambiguity
due to changes in the grounding arrangement during
field use.
Introduction of a sense resistor in the system ground
is undesirable due to issues with safety, EMI, or signal
degradation due to common impedance coupling.
Principle of Operation
The operational amplifier and MOSFET forces the voltage
across R
A to track VSENSE within the limit of the offset voltage
of the opamp, i.e. V
RA = VSENSE.
The current through R
A returns to ground through RB.
R
A and RB are integrated, exhibiting tight matching and
excellent tracking. By design, R
B is five times larger than RA.
Consequently, V
RB is five times larger than VRA, thus resulting
in a voltage gain of 5.
OUT Pin Loading Effects
Note that the OUT pin has an typical output resistance of
16.5kΩ. Loading the output causes the voltage gain to drop
and rise/fall times to increase.
For example, assuming output resistance is 16.5kΩ, the load
resistance should exceed 16.5MΩ in order to limit the drop in
gain to 1 part in 1000.
Again assuming output resistance is 16.5kΩ, capacitive
loading of 6pF results in a response pole with a time constant
of 100ns, not high enough to materially affect the output rise
and fall times (about 700ns).
ISENSE
VSENSE
RSENSE
Bias
Circuits
HV7801
IN
LOAD
GND
OUT
VOUT
RA
RB
RP
(Optional,
see text)


Similar Part No. - HV7801

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
HV7801K1-G SUTEX-HV7801K1-G Datasheet
504Kb / 5P
   High Side Current Monitor
HV7801K1-G SUTEX-HV7801K1-G Datasheet
545Kb / 5P
   High Side Current Monitor 8.0 to 450V Voltage Gain of 5
HV7801 SUTEX-HV7801_13 Datasheet
545Kb / 5P
   High Side Current Monitor 8.0 to 450V Voltage Gain of 5
More results

Similar Description - HV7801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com