Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120NG-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV9120NG-G
Description  High-Voltage, Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9120NG-G Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV9120NG-G Datasheet HTML 3Page - Supertex, Inc HV9120NG-G Datasheet HTML 4Page - Supertex, Inc HV9120NG-G Datasheet HTML 5Page - Supertex, Inc HV9120NG-G Datasheet HTML 6Page - Supertex, Inc HV9120NG-G Datasheet HTML 7Page - Supertex, Inc HV9120NG-G Datasheet HTML 8Page - Supertex, Inc HV9120NG-G Datasheet HTML 9Page - Supertex, Inc HV9120NG-G Datasheet HTML 10Page - Supertex, Inc HV9120NG-G Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
HV9120
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9120
B060412
Typical Performance Curves
Output Switching Frequency
vs. Oscillator Resistance
10k
100k
1M
R
OSC (Ω)
1M
100k
10k
PSRR - Error Amplifier and Reference
10
100
1K
10K
100K
1M
80
70
60
50
40
20
10
0
-10
Error Amplifier Open Loop Gain/Phase
180
120
60
0
-60
-120
-180
Frequency (Hz)
106
105
104
103
102
10
1.0
0.1
Error Amplifier Output Impedance (Z
0)
0
-10
-20
-30
-40
-50
-60
-70
-80
Bias Resistance (Ω)
105
106
107
V
DD = 10V
Frequency (Hz)
100
1K
10K
100K
1M
10M
Frequency (Hz)
V
DD = 10V
100
1K
10K
100K
1M
100
10
1.0


Similar Part No. - HV9120NG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9120NG-G MICROCHIP-HV9120NG-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M901 MICROCHIP-HV9120NG-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M934 MICROCHIP-HV9120NG-G-M934 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
More results

Similar Description - HV9120NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com