Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0604N3-GP003 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TP0604N3-GP003
Description  P-Channel Enhancement-Mode Vertical DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0604N3-GP003 Datasheet(HTML) 4 Page - Supertex, Inc

  TP0604N3-GP003 Datasheet HTML 1Page - Supertex, Inc TP0604N3-GP003 Datasheet HTML 2Page - Supertex, Inc TP0604N3-GP003 Datasheet HTML 3Page - Supertex, Inc TP0604N3-GP003 Datasheet HTML 4Page - Supertex, Inc TP0604N3-GP003 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TP0604
Supertex inc.
www.supertex.com
Doc.# DSFP-TP0604
C082012
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
-10
-8
-6
-4
-2
Q
G (nanocoulombs)
0
0.5
1.0
1.5
2.0
2.5
180pF
75pF
V
DS = -10V
1.4
1.2
1.0
0.8
0.6
-50
0
50
100
150
2.0
0.8
1.6
0.4
1.2
V
(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
7.5
6.0
5.0
3.0
1.5
0
-1.0
-2.0
-3.0
-0.4
-5.0
V
GS = -5.0V
1.1
1.0
0.9
-50
0
50
100
150
T
j (
O
C)
Transfer Characteristics
-5
-2
0
-2.0
-4.0
-6.0
-8.0
-10
-1
-3
-4
V
GS (volts)
V
DS = -25
O
C
T A
= 150
O
C
Capacitance vs. Drain-to-Source Voltage
200
150
100
50
0
-10
-20
-30
-40
f = 1.0MHz
CISS
COSS
CRSS
V
DS (volts)
I
D (amperes)
BV
DSS Variation with Temperature
0
T A
= 25
O
C
V
(th) @ -1.0mA
R
DS(ON) @
-10V, -1.0A
0
0
0
0
T
j (
O
C)
V
GS = -10V
V
DS = -40V


Similar Part No. - TP0604N3-GP003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0604N3 SUTEX-TP0604N3 Datasheet
480Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP0604N3G MICROCHIP-TP0604N3G Datasheet
311Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
More results

Similar Description - TP0604N3-GP003

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com