Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD30-48S24 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # LCD30-48S24
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD30-48S24 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  LCD30-48S24 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD30-48S24 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD30-48S24 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD30-48S24 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCD30
2
www.PDUKE.com
2014/04/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
12
24
48
18
36
75
VDC
Input reflected ripple current
Nominal input and Full load
30
mAp-p
Start-up voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
VDC
Shutdown voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
8
16
33
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
Input surge voltage
1 second, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
25
50
100
VDC
Input filter
Pi type
Positive logic
(Option)
DC-DC ON
DC-DC OFF
Open or 3 ~ 15VDC
Short or 0 ~ 1.2VDC
Referred to –Vin pin
Negative logic
(Standard)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 15VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
1.0
mA
Remote off input current
2.0
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
Single
Dual
-0.2
-0.5
+0.2
+0.5
%
No Load to Full Load
Single
Dual
-0.2
-1.0
+0.2
+1.0
Load regulation
10% Load to 90%Load
Single
Dual
-0.1
-0.8
+0.1
+0.8
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Voltage adjustability (2)
Single output
15Vout, 24Vout
Others
-10
-10
+20
+10
%
Ripple and noise
Measured by 20MHz bandwidth
Single
With a 22µF/25V X7R MLCC
3.3Vout, 5Vout
75
With 2 pcs of 22µF/25V X7R MLCC
12Vout, 15Vout
75
With 2 pcs of 6.8µF/50V X7R MLCC
24Vout
75
Dual
With a 10µF/25V X7R MLCC for each output
12Vout, 15Vout
60
With a 4.7µF/50V X7R MLCC for each output
24Vout
75
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response
recovery time
25% load step change
250
µ
s
Over voltage protection
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.7
5.6
13.5
18.3
29.1
5.4
7.0
19.6
22.0
32.5
VDC
Over load protection
% of Iout rated; Hiccup mode
140
%
Short circuit protection
Continuous, automatics recovery


Similar Part No. - LCD30-48S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD30-48S24W P-DUKE-LCD30-48S24W Datasheet
492Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - LCD30-48S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com