Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5308B Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV5308B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5308B Datasheet(HTML) 2 Page - Supertex, Inc

  HV5308B Datasheet HTML 1Page - Supertex, Inc HV5308B Datasheet HTML 2Page - Supertex, Inc HV5308B Datasheet HTML 3Page - Supertex, Inc HV5308B Datasheet HTML 4Page - Supertex, Inc HV5308B Datasheet HTML 5Page - Supertex, Inc HV5308B Datasheet HTML 6Page - Supertex, Inc HV5308B Datasheet HTML 7Page - Supertex, Inc HV5308B Datasheet HTML 8Page - Supertex, Inc HV5308B Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
HV5308B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Ordering Information
Device
Package Options
44-Lead
Quad Cerpac
.650x.650in body
.190in height (max)
.050in pitch
44-Lead PQFP
10.00x10.00mm body
2.35mm height (max)
0.80mm pitch
44-Lead PLCC
.653x.653in body
.180in height (max)
.050in pitch
HV5308B
HV5308DJ-B*
HV5308PG-B-G
HV5308PJ-B-G
-G indicates package is RoHS compliant (‘Green’).
* Hi-Rel process flow available.
Absolute Maximum Ratings
Supply voltage, V
DD
-0.5V to +16V
Supply voltage, V
PP
-0.5V to +90V
Logic input levels
-0.5V to V
DD +0.5V
Ground current1
1.5A
Continuous total power dissipation2
Plastic
Ceramic
1200mW
1500mW
Operating temperature range
Plastic
Ceramic
-40OC to +85OC
-55OC to +125OC
Storage temperature range
-65OC to +150OC
Parameter
Value
Pin Configurations
Notes:
1.
Duty cycle is limited by the total power dissipated in the package.
2.
For operation above 25°C ambient derate linearly to maximum
operating temperature at 20mW/°C for plastic and at 15mW/°C for
ceramic.
1 44
6
40
1
44
Product Marking
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV5308PG-B
LLLLLLLLL
CCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV5308PJ-B
LLLLLLLLLL
CCCCCCCCCCC
44-Lead PQFP (PG)
(top view)
44-Lead PLCC (PJ)
(top view)
44-Lead PQFP
(PG)
44-Lead PLCC
(PJ)
1 44
6
40
44-Lead Quad Cerpac (DJ)
(top view)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV5308DJ-B
LLLLLLLLLL
CCCCCCCCCCC
AAA
44-Lead Quad Cerpac
(DJ)
Packages may or may not include the following marks: Si or


Similar Part No. - HV5308B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV5308B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com