Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5408PJ-B-G Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV5408PJ-B-G
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408PJ-B-G Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV5408PJ-B-G Datasheet HTML 4Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 5Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 6Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 7Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 8Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 9Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 10Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 11Page - Supertex, Inc HV5408PJ-B-G Datasheet HTML 12Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
HV5408B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
44-Lead Quad Cerpac/PLCC Pin Assignment (DJ/PJ)
Pin
Function
Description
1
HV
OUT16
High voltage outputs.
High voltage push-pull outputs, which, depending on controlling low voltage data,
can drive loads either to GND, or to V
PP rail levels.
2
HV
OUT17
3
HV
OUT18
4
HV
OUT19
5
HV
OUT20
6
HV
OUT21
7
HV
OUT22
8
HV
OUT23
9
HV
OUT24
10
HV
OUT25
11
HV
OUT26
12
HV
OUT27
13
HV
OUT28
14
HV
OUT29
15
HV
OUT30
16
HV
OUT31
17
HV
OUT32
18
DATA OUT
Serial data output.
Data output for cascading to the data input of the next device.
19
N/C
No connect.
20
21
22
CLK
Data shift register clock
Input are shifted into the shift register on the positive edge of the clock.
23
GND
Logic and high voltage ground.
24
VPP
High voltage power rail.
25
VDD
Low voltage logic power rail.
26
LE
Latch enable input.
When LE is HIGH, shift register data is transferred into a data latch. When LE is
LOW, data is latched, and new data can be clocked into the shift register.
27
DATA IN
Serial data input.
Data needs to be present before each rising edge of the clock.


Similar Part No. - HV5408PJ-B-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5408PJ-B-G MICROCHIP-HV5408PJ-B-G Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
HV5408PJ-B-G-M903 MICROCHIP-HV5408PJ-B-G-M903 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
HV5408PJ-B-G-M919 MICROCHIP-HV5408PJ-B-G-M919 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
More results

Similar Description - HV5408PJ-B-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com